Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4660 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4660
Description  Designers of STM32 microcontroller applications must have the possibility
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4660 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4660 Datasheet HTML 4Page - STMicroelectronics AN4660 Datasheet HTML 5Page - STMicroelectronics AN4660 Datasheet HTML 6Page - STMicroelectronics AN4660 Datasheet HTML 7Page - STMicroelectronics AN4660 Datasheet HTML 8Page - STMicroelectronics AN4660 Datasheet HTML 9Page - STMicroelectronics AN4660 Datasheet HTML 10Page - STMicroelectronics AN4660 Datasheet HTML 11Page - STMicroelectronics AN4660 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Peripheral migration
AN4660
8/27
DocID027558 Rev 2
2
Peripheral migration
2.1
STM32 product cross-compatibility
The STM32 Series embed a set of peripherals which can be classed in three categories:
•
The first category is for the peripherals which are by definition common to all products.
Those peripherals are identical, so they have the same structure, registers and control
bits. There is no need to perform any firmware change to keep the same functionality at
the application level after migration. All the features and behavior remain the same.
•
The second category is for the peripherals which are shared by all STM32 products but
have only minor differences (in general to support new features), so migration from one
product to another is very easy and does not need any significant new development
effort.
•
The third category is for peripherals which have been considerably changed from one
product to another (new architecture, new features...). For this category of peripherals,
the migration will require a new development at application level.
•
The SW compatibility mentioned in the Table 5 only refers to the register description for
"low level" drivers.
The Cube Hardware Abstraction Layer (HAL) is compatible between STM32F42xxx/F43xxx
and STM32F74xxx/F75xxx.
Table 5 shows STM32 peripheral compatibility between STM32F42xxx/F43xxx and
STM32F74xxx/F75xxx.
Table 5. STM32 peripheral compatibility analysis STM32F42xxx/F43xxx versus
STM32F74xxx/F75xxx
Peripherals
STM32F42xxx/
F43xxx
STM32F74xxx/
F75xxx
Compatibility
-
-
-
SW
Comments
Flash memory in Kbyte
2048
1024
--
SRAM(KB)
System
256
(115+16+64+64)
320
(240+16+64)
Instruction
NA
16
Backup
4
4
Timers
GP
10
10
Yes
-
Advanced
control
22
Yes
-
Basic
2
2
Yes
-
Low-power
NA
1
NA
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com