Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4660 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4660
Description  Designers of STM32 microcontroller applications must have the possibility
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4660 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4660 Datasheet HTML 13Page - STMicroelectronics AN4660 Datasheet HTML 14Page - STMicroelectronics AN4660 Datasheet HTML 15Page - STMicroelectronics AN4660 Datasheet HTML 16Page - STMicroelectronics AN4660 Datasheet HTML 17Page - STMicroelectronics AN4660 Datasheet HTML 18Page - STMicroelectronics AN4660 Datasheet HTML 19Page - STMicroelectronics AN4660 Datasheet HTML 20Page - STMicroelectronics AN4660 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
DocID027558 Rev 2
17/27
AN4660
Peripheral migration
26
2.9
PWR
Table 14 presents the PWR controller differences between STM32F42xxx/F43xxx and
STM32F74xxx/F75xxx.
Table 14. PWR differences between STM32F42xxx/F43xxx and STM32F74xxx/F75xxx
PWR
STM32F42xxx/F43xxx
STM32F74xxx/F75xxx
Power supplies
NA
– Independent USB transceivers
supply:
VDDUSB: range is from 3.0 V to 3.6 V
and is completely independent from VDD
or VDDA
Standby mode
wakeup sources
– WKUP pin PA0 on rising edge
– RTC event (RTC ALARM,
Tamper event,Time stamp event)
– IWDG reset
– External reset in NRST pin
– WKUP pin with configurable polarity on
rising or falling edge:
–PA0
–PA2
–PC1
–PC13
–PI8
–PI11
– RTC event (RTC ALARM, tamper event,
time stamp event)
– IWDG reset
– External reset in NRST pin
Power control
registers
PWR_CR
PWR_CSR
PWR_CR1
PWR_CSR1
NA
PWR_CR2
PWR_CSR2
Comment :
– PWR_CR2:
Used to configure the wakeup pin polarity,
or to clear the wakeup pins flags.
–PWR_CSR2:
Used either to enable the wakeup pins or
used to detect an event on the wakeup pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com