Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4660 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4660
Description  Designers of STM32 microcontroller applications must have the possibility
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4660 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4660 Datasheet HTML 14Page - STMicroelectronics AN4660 Datasheet HTML 15Page - STMicroelectronics AN4660 Datasheet HTML 16Page - STMicroelectronics AN4660 Datasheet HTML 17Page - STMicroelectronics AN4660 Datasheet HTML 18Page - STMicroelectronics AN4660 Datasheet HTML 19Page - STMicroelectronics AN4660 Datasheet HTML 20Page - STMicroelectronics AN4660 Datasheet HTML 21Page - STMicroelectronics AN4660 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Peripheral migration
AN4660
18/27
DocID027558 Rev 2
2.10
RTC
Table 15 shows the RTC comparison between STM32F42xxx/F43xxx and
STM32F74xxx/F75xxx.
Table 15. RTC comparison between STM32F42xxx/F43xxx and STM32F74xxx/F75xxx
RTC
STM32F42xxx/F43xxx
STM32F74xxx/F75xxx
Calendar in BCD
Yes
Calendar sub seconds access
Yes
Resolution down to RTCCLK
Calendar synchronization on
the fly
Yes
Alarm on calendar
2 w/ subseconds
Calendar calibration
Calibration window: 8s/16s/32s
Calibration step: 3.81ppm/1.91ppm/0.95 ppm
Range [-480ppm +480ppm]
Synchronization on mains
Yes
Periodic wakeup
Yes
Timestamp
Yes
Sec, Min, Hour, Date, Sub seconds
Timestamp on VBAT switch
No
Yes
Tamper
2 pins/ 2 events
3 pins/ 3 events
Edge or level detection with configurable filtering
External interrupt and trigger
with filtering
No
Yes
32-bit backup registers
20
32
RTC in VBAT
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com