Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4660 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4660
Description  Designers of STM32 microcontroller applications must have the possibility
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4660 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4660 Datasheet HTML 7Page - STMicroelectronics AN4660 Datasheet HTML 8Page - STMicroelectronics AN4660 Datasheet HTML 9Page - STMicroelectronics AN4660 Datasheet HTML 10Page - STMicroelectronics AN4660 Datasheet HTML 11Page - STMicroelectronics AN4660 Datasheet HTML 12Page - STMicroelectronics AN4660 Datasheet HTML 13Page - STMicroelectronics AN4660 Datasheet HTML 14Page - STMicroelectronics AN4660 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
DocID027558 Rev 2
11/27
AN4660
Peripheral migration
26
2.3
Flash memory
Table 7 presents the differences between the Flash memory interface of
STM32F42xxx/F43xxx and STM32F74xxx/F75xxx.
The STM32F74xxx/F75xxx devices instantiate a different Flash module both in terms of
architecture and interface. For more information on programming, erasing and protection of
the STM32F74xxx/F75xxx Flash memory, please refer to the STM32F74xxx and
STM32F75xxx reference manual (RM0385).
Table 7. Flash memory differences between STM32F42xxx/F43xxx and
STM32F74xxx/F75xxx
Flash
STM32F42xxx/F43xxx
STM32F74xxx/F75xxx
Main/program memory
0x0800 0000 – 0x081F FFFF
0x0800 0000 - 0x080F FFFF
(on AXIM interface)
– Up to 2 Mbyte
– Split in 2 Banks
– 4 sectors of 16 Kbyte
– 1 sector of 64 Kbyte
– 6 sectors of 128 Kbyte
– Up to 1 Mbyte
– Split in 1 Bank
– 4 sectors of 32 Kbyte
– 1 sector of 128 Kbyte
– 3 sectors of 256 Kbyte
Features
– 128 bit wide data read
– Read while Write (RWW)
– 256 bit wide data read
Wait State
Up to 8 (depending on the
supply voltage and frequency)
Up to 9 (depending on the supply
voltage and frequency)
One time programmable
(OTP)
512 OTP bytes
1024 OTP bytes
Flash interface register
0x4002 3C00 - 0x4002 3FFF
Option
Bytes
Base
address
0x1FFF C000 - 0x1FFF C00F
0x1FFE C000 - 0x1FFE C00F
0x1FFF 0000 - 0x1FFF 001F
(on AXIM interface)
Option
Bytes
FLASH_
OPTCR
register
– Bit 31 SPRMOD
– Bit 30 DB1M
– Bits 29:28 Reserved
– Bits 27:16 nWRP[11:0]
– Bits 15:8 RDP
–Bits 7:5 USER
- Bit 7: nRST_STDBY
- Bit 6: nRST_STOP
- Bit 5: WDG_SW
– Bit 4 BFB2
– Bits 3:2 BOR_LEV
–Bit 1 OPTSTRT
– Bit 0 OPTLOCK
– Bit 31 IWDG_STOP
– Bit 30 IWDG_STDBY
– Bits 29:24 Reserved
– Bits 23:16 nWRP[7:0]
– Bits 15:8 RDP[7:0]
– Bits 7:4 USER
- Bit 7: nRST_STDBY
- Bit 6: nRST_STOP
- Bit 5: IWDG_SW
– Bit 4: WWDG_SW
– Bits 3:2 BOR_LEV[1:0]
– Bit 1 OPTSTRT
– Bit 0 OPTLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com