| Electronic Components Datasheet Search |
|
AN4660 Datasheet(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4660 Datasheet(HTML) 22 Page - STMicroelectronics |
|
22 / 27 page ![]() Peripheral migration AN4660 22/27 DocID027558 Rev 2 2.15 USB OTG Table 20 presents USB OTG differences between STM32F42xxx/F43xxx and STM32F74xxx/F75xxx. Table 20. USB OTG differences between STM32F42xxx/F43xxx and STM32F74xxx/F75xxx USB STM32F42xxx/F43xxx STM32F74xxx/F75xxx Features – Universal Serial Bus revision 2.0 – Full support for the USB On-The-Go (USB OTG). FS mode: – 1 bidirectional control endpoint – 3 IN endpoints (bulk, interrupt, isochronous) – 3 OUT endpoints (bulk, interrupt, isochronous HS mode: – 6 bidirectional endpoints (including EP0) – 12 host mode channels FS mode: – 1 bidirectional control endpoint – 5 IN endpoints (bulk, interrupt, isochronous) – 5 OUT endpoints (bulk, interrupt, isochronous) HS mode: – 8 bidirectional endpoints (including EP0) – 16 host channels with periodic – USB internal connect/disconnect feature with an internal pull-up resistor on the USB D + (USB_DP) line. NA – Independent VDDUSB power supply allowing lower VDDCORE while using USB. Buffer memory FS mode: – 1.25Kbytes data FIFOs – Management of up to 4 Tx FIFOs (1 for each IN end point) + 1 Rx FIFO. HS mode: – 4 KB total RAM FS mode: – 1.25Kbytes data FIFOs – Management of up to 6 Tx FIFOs (1 for each IN end point) + 1 Rx FIFO. HS mode: – 4 KB total RAM Low-power modes FS mode: – USB suspend and resume HS mode: – No LPM supported FS mode: – USB suspend and resume – Link power management (LPM) support HS mode: – Yes LPM supported Configuration – SW not compatible |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |