Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD72001C Datasheet(PDF) 23 Page - NEC

Part # UPD72001C
Description  MULTI-PROTOCOL SERIAL CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72001C Datasheet(HTML) 23 Page - NEC

Back Button UPD72001C Datasheet HTML 19Page - NEC UPD72001C Datasheet HTML 20Page - NEC UPD72001C Datasheet HTML 21Page - NEC UPD72001C Datasheet HTML 22Page - NEC UPD72001C Datasheet HTML 23Page - NEC UPD72001C Datasheet HTML 24Page - NEC UPD72001C Datasheet HTML 25Page - NEC UPD72001C Datasheet HTML 26Page - NEC UPD72001C Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
µPD72001-11, 72001-A8
23
Interrupt control:
Parameter
Symbol
Condition
Rated Value
Unit
MIN.
MAX.
INTAK low-pulse width
tWIAL
150
ns
INTAK high-pulse width
tWIAH
150
ns
PRI
→ PRO delay time
tDPIPO
50
ns
INT
↓ → PRO ↑ delay time
tDIQPO
–20
+50
ns
2nd INTAK
↓ → INT ↑ delay time
tDIAIQ
INT output level = 0.8 VNote
120
ns
INT output level = 1.8 VNote
300
ns
SR2B read RD
↓ → INT ↑ delay time
tDRDIQ
INT output level
TA = –10 to +70
°C
170
ns
= 0.8 VNote
TA = –40 to +85
°C
180
ns
INT output level = 1.8 VNote
350
ns
PRI setup time (vs. INTAK
↓)tSPIIA1
When vector output is enabled
0
ns
PRI hold time (vs. INTAK
↑)tHIAPI1
20
ns
PRI setup time (vs. INTAK
↓)tSPIIA2
When vector output
20
ns
PRI hold time (vs. INTAK
↑)tHIAPI2
is disabled
TA = –10 to +70
°C20
ns
TA = –40 to +85
°C25
ns
INTAK
→ data output delay time
tDIAD
120
ns
INTAK
→ data float delay time
tFIAD
10
130
ns
Note Measured value with 2-k
Ω pull-up resistor and 100-pF load capacitance connected
Modem control:
Parameter
Symbol
Condition
Rated Value
Unit
MIN.
MAX.
CTS, DCD, SYNC
High
tWMH
2tCYK
pulse width
Low
tWML
2tCYK
CTS, DCD, SYNC
→ INT delay time
tDMIQ
2tCYK
STRXC, TRXC
↑ → SYNC setup time
tSSYRC
COP external synchronization
0
2
tCYK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com