Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD72001C Datasheet(PDF) 12 Page - NEC

Part # UPD72001C
Description  MULTI-PROTOCOL SERIAL CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72001C Datasheet(HTML) 12 Page - NEC

Back Button UPD72001C Datasheet HTML 8Page - NEC UPD72001C Datasheet HTML 9Page - NEC UPD72001C Datasheet HTML 10Page - NEC UPD72001C Datasheet HTML 11Page - NEC UPD72001C Datasheet HTML 12Page - NEC UPD72001C Datasheet HTML 13Page - NEC UPD72001C Datasheet HTML 14Page - NEC UPD72001C Datasheet HTML 15Page - NEC UPD72001C Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
µPD72001-11, 72001-A8
12
Table 1-5. Auto Enable Bit and RTS Pin
Function
Protocol
Auto Enable Bit
RTS Cont. Bit
RTS Pin Status
Start-stop
0
0
H
synchronization
1L
1
When “0” from beginning
H
If set to “1” once and then reset
If “L” while All SentNote = “0”,
to “0”
and “H” if All Sent = “1”
1L
COP/BOP
Don’t Care
0
H
1L
Note SR1: D2
1.2 Pins Related to Transmission/Reception
(1) TXDA (Transmit Data A) and TXDB (Transmit Data B) ... Output
These pins output transmit data.
(2) RxDA (Receive Data A) and RxDB (Receive Data B) ... Input
These pins input receive data.
(3) XI1A/STRXCA (Crystal Input 1A/Source of Transmit Receive Clock A) ... Input
XI1B/STRXCB (Crystal Input 1B/Source of Transmit Receive Clock B) ... Input
The functions of these pins change depending on the setting of CR15: D7.
(a) When CR15: D7 = “0”
These pins function as the STRXC pins, and input the transmission and reception clocks, or input source
clocks to the internal BRG (Baud Rate Generator) and DPLL (Digital Phase Locked Loop).
(b) When CR15: D7 = “1”
These pins function as XI1 pins and connect one end of the crystal for transmission/reception clock source
oscillation.
(4) XI2A/SYNCA (Crystal Input 2A/Synchronization A) ... I/O
XI2B/SYNCB (Crystal Input 2B/Synchronization B) ... I/O
The functions of these pins change depending on the setting of CR15: D7.
(a) When CR15: D7 = 0
These pins function as SYNC pins. The functions of the SYNC pins differ as shown in Table 1-6, depending
on the setting of CR4.
(b) When CR15: D7 = “1”
These pins function as XI2 pins and connect one end of the crystal for transmission/reception clock source
oscillation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com