Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD72001C Datasheet(PDF) 24 Page - NEC

Part # UPD72001C
Description  MULTI-PROTOCOL SERIAL CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72001C Datasheet(HTML) 24 Page - NEC

Back Button UPD72001C Datasheet HTML 20Page - NEC UPD72001C Datasheet HTML 21Page - NEC UPD72001C Datasheet HTML 22Page - NEC UPD72001C Datasheet HTML 23Page - NEC UPD72001C Datasheet HTML 24Page - NEC UPD72001C Datasheet HTML 25Page - NEC UPD72001C Datasheet HTML 26Page - NEC UPD72001C Datasheet HTML 27Page - NEC UPD72001C Datasheet HTML 28Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
µPD72001-11, 72001-A8
24
Communication control:
Parameter
Symbol
Condition
Rated Value
Unit
MIN.
MAX.
Transmit enable command (WR
↑,tDTETD1
ASYNC, COP
3
tCYC
CTS
↓) → TXD delay time
tDTETD2
BOP
4
7
tCYC
Receive enable command (DCD
↓)tSRERC
1tCYC
setup time (vs. start bit, STRXC
↑,
TRXC
↑ of sync character)Note
Receive enable command (DCD
↓)tHRCRE1
ASYNC
7
tCYK
hold time (vs. STRXC
↑, TRXC ↑)Note
tHRCRE2
COP
20 tCYC
+ 8tCYK
tHRCRE3
BOP
3tCYC
+ 8tCYK
Receive clock (STRXC, TRXC)Note
tHRDRC1
ASYNC
1
Bit
hold time (vs. start bit, MSB of CRC,
tHRDRC2
COP
22
tCYC
MSB of end flag)
tHRDRC3
BOP
5
tCYC
Receive clock (STRXC, TRXC)Note
tSRCRD1
ASYNC
1
Bit
setup time (vs. start bit, sync character)
tSRCRD2
COP, BOP
1
tCYC
Note Of STRXC and TRXC, the one used as the receive clock.
Crystal oscillation and reset:
Parameter
Symbol
Condition
Rated Value
Unit
MIN.
MAX.
XI1 input cycle time
tCYX
TA = –10 to +70
°C
125
1000
ns
TA = –40 to +85
°C
140
1000
RESET pulse width
tWRSL
2tCYK
Caution The system clock cycle in all modes must be five times that of the data rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com