Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3243ECAI Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3243ECAI
Description  ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3243ECAI Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3243ECAI Datasheet HTML 4Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 5Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 6Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 7Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 8Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 9Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 10Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 11Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
±15kV ESD-Protected, 1µA, 3.0V to 5.5V, 250kbps,
RS-232 Transceivers with AutoShutdown
8
_______________________________________________________________________________________
Table 1. Output Control Truth Table
+0.3V
-0.3V
INVALID
TO MAX32_ _E
POWER SUPPLY
AND TRANSMITTERS
R_IN
* TRANSMITTERS ARE DISABLED, REDUCING SUPPLY CURRENT TO 1
µA IF
ALL RECEIVER INPUTS ARE BETWEEN +0.3V AND -0.3V FOR AT LEAST 30
µs.
30µs
COUNTER
R
Figure 3a. MAX32_ _E Entering 1µA Supply Mode via
AutoShutdown
+2.7V
-2.7V
INVALID
TO MAX32_ _E
POWER SUPPLY
R_IN
* TRANSMITTERS ARE ENABLED IF:
ANY RECEIVER INPUT IS GREATER THAN +2.7V OR LESS THAN -2.7V.
ANY RECEIVER INPUT HAS BEEN BETWEEN +0.3V AND -0.3V FOR LESS THAN 30
µs.
30µs
COUNTER
R
Figure 3b. MAX32__E with Transmitters Enabled Using
AutoShutdown
X = Don’t Care
The MAX3221E/MAX3223E/MAX3243E feature an
INVALID output that is enabled low when no valid RS-232
signal levels have been detected on all receiver inputs.
INVALID is functional in any mode (Figures 3 and 5).
AutoShutdown
The MAX3221E/MAX3223E/MAX3243E achieve a 1µA
supply current with Maxim’s new AutoShutdown fea-
ture, which operates when FORCEON is low and
FORCEOFF is high. When these devices sense no valid
signal levels on all receiver inputs for 30µs, the on-
board charge pump and drivers are shut off, reducing
supply current to 1µA. This occurs if the RS-232 cable
is disconnected or the connected peripheral transmit-
ters are turned off. The device turns on again when a
valid level is applied to any RS-232 receiver input. As a
result, the system saves power without changes to the
existing BIOS or operating system.
0
0
0
1
X
1
FORCEON
X
Active
Active
Active
R2OUTB
(MAX3243E)
Active
Active
Active
Active
Active
Active
High-Z
R_OUT
(MAX3221E/
MAX3223E)
Active
Active
High-Z
High-Z
1
1
1
1
0
1
FORCEOFF
0
Active
High-Z
Active
T_OUT
High-Z
Active
Active
High-Z
Active
High-Z
Active
R_OUT
(MAX3243E)
High-Z
Active
Active
High-Z
0
0
Yes
No
Normal Operation
(AutoShutdown)
Yes
0
X
Normal Operation
(Forced On)
X
Shutdown
(Forced Off)
X
EN
(MAX3221E/
MAX3223E)
VALID
RECEIVER
LEVEL
0
X
OPERATION
STATUS
1
1
1
0
Active
High-Z
1
High-Z
High-Z
Shutdown
(AutoShutdown)
No
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com