Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3243ECAI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3243ECAI
Description  ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3243ECAI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3243ECAI Datasheet HTML 3Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 4Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 5Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 6Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 7Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 8Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 9Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 10Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
±15kV ESD-Protected, 1µA, 3.0V to 5.5V, 250kbps,
RS-232 Transceivers with AutoShutdown
_______________________________________________________________________________________
7
RS-232 Receivers
The MAX3221E/MAX3223E/MAX3243E’s receivers con-
vert RS-232 signals to CMOS-logic output levels. All
receivers have inverting three-state outputs and can be
active or inactive. In shutdown (FORCEOFF = low) or in
AutoShutdown, the MAX3221E/MAX3223E’s receivers
are active (Table 1). Drive EN high to place the receiv-
er(s) in a high-impedance state. The MAX3243E’s
receivers are high-impedance when the part is in shut-
down (FORCEOFF = low).
The MAX3243E features an extra, always-active com-
plementary output (R2OUTB). R2OUTB monitors
receiver activity while the other receivers are high-
impedance. This allows Ring Indicator to be monitored
without forward biasing other devices connected to the
receiver outputs. This is ideal for systems where VCC
drops to 0 in shutdown to accommodate peripherals
such as UARTs (Figure 2).
MAX3243E
I/O
CHIP
WITH
UART
CPU
RS-232
POWER-
MANAGEMENT
UNIT OR
KEYBOARD
CONTROLLER
FORCEOFF
FORCEON
INVALID
MAX3243E
T1OUT
R2OUTB
Tx
5k
UART
VCC
T1IN
THREE-STATED
LOGIC
TRANSITION
DETECTOR
R2IN
PROTECTION
DIODE
R2OUT
FORCEOFF = GND
VCC
TO
µP
Rx
PREVIOUS
RS-232
Tx
UART
SHDN = GND
VCC
VCC
GND
Rx
5k
a) OLDER RS-232: POWERED-DOWN UART DRAWS CURRENT FROM ACTIVE
RECEIVER OUTPUT IN SHUTDOWN.
b) NEW MAX3243E: IN SHUTDOWN, R2OUTB IS USED TO MONITOR EXTERNAL
DEVICES AND R2OUT IS THREE STATED, ELIMINATING A CURRENT PATH
THROUGH THE UART'S PROTECTION DIODE.
GND
PROTECTION
DIODE
I
I
Figure 1. Interface Under Control of PMU
Figure 2. The MAX3243E detects RS-232 activity when the
UART and interface are shut down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com