Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3243ECAI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3243ECAI
Description  ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3243ECAI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3243ECAI Datasheet HTML 1Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 2Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 3Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 4Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 5Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 6Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 7Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 8Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX3221E/MAX3223E/MAX3243E are 3V-powered
EIA/TIA-232 and V.28/V.24 communications interfaces
with automatic shutdown/wakeup features, high data-
rate capabilities, and enhanced electrostatic discharge
(ESD) protection. All transmitter outputs and receiver
inputs are protected to ±15kV using IEC 1000-4-2 Air-
Gap Discharge, to ±8kV using IEC 1000-4-2 Contact
Discharge, and to ±15kV using the Human Body Model.
The MAX3221E/MAX3223E/MAX3243E achieve a
1µA supply current with Maxim’s revolutionary
AutoShutdown™ feature. They save power without
changes to the existing BIOS or operating system by enter-
ing low-power shutdown mode when the RS-232 cable is
disconnected, or when the transmitters of the connected
peripherals are off.
The transceivers have a proprietary low-dropout trans-
mitter output stage, delivering true RS-232 performance
from a +3.0V to +5.5V supply with a dual charge pump.
The charge pump requires only four small 0.1µF capaci-
tors for operation from a +3.3V supply. Each device is
guaranteed to run at data rates of 250kbps while main-
taining RS-232 output levels.
The MAX3221E contains just one driver and one receiver,
making it the smallest single-supply RS-232 transceiver.
The MAX3223E has two drivers and two receivers. The
MAX3243E is a complete 3-driver/5-receiver serial port
ideal for notebook or subnotebook computers. It also
includes two noninverting receiver outputs that are always
active, allowing external devices to be monitored without
forward biasing the protection diodes in circuitry that may
be powered down.
The MAX3221E, MAX3223E, and MAX3243E are avail-
able in space-saving SSOP packages.
Applications
Notebook, Subnotebook, and Palmtop Computers
Cellular Phones
Battery-Powered Equipment
Hand-Held Equipment
Peripherals
Printers
Features
o ESD Protection for RS-232 I/O Pins:
±15kV—Human Body Model
±8kV—IEC1000-4-2, Contact Discharge
±15kV—IEC1000-4-2, Air-Gap Discharge
o Latchup Free
o 1µA Supply Current
o 250kbps Guaranteed Data Rate
o 6V/µs Guaranteed Slew Rate
o Meets EIA/TIA-232 Specifications Down to 3.0V
o Smallest Single-Supply RS-232 Transceiver
(MAX3221E)
o Guaranteed Mouse Driveability (MAX3243E)
o Small 0.1µF Capacitors
±15kV ESD-Protected, 1µA, 3.0V to 5.5V, 250kbps,
RS-232 Transceivers with AutoShutdown
________________________________________________________________
Maxim Integrated Products
1
19-1283; Rev 2; 1/98
PART
MAX3221ECAE
MAX3221EEAE
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 SSOP
16 SSOP
AutoShutdown is a trademark of Maxim Integrated Products.
†
Covered by U.S. Patent numbers 4,636,930; 4,679,134; 4,777,577; 4,797,899; 4,809,152; 4,897,774; 4,999,761; 5,649,210; and other patents pending.
Pin Configurations appear at end of data sheet.
Typical Operating Circuits appear at end of data sheet.
MAX3223EEPP
-40°C to +85°C
20 Plastic DIP
MAX3223EEAP
-40°C to +85°C
20 SSOP
MAX3243ECWI
0°C to +70°C
28 Wide SO
MAX3243ECAI
0°C to +70°C
28 SSOP
MAX3243EEWI
-40°C to +85°C
28 Wide SO
MAX3243EEAI
-40°C to +85°C
28 SSOP
MAX3223ECPP
MAX3223ECAP
0°C to +70°C
0°C to +70°C
20 Plastic DIP
20 SSOP
Ordering Information
Selector Guide
MAX3221E
MAX3223E
MAX3243E
1/1
2/2
3.0 to 5.5
3.0 to 5.5
3.0 to 5.5
3/5
PART
NO. OF
DRIVERS/
RECEIVERS
VCC RANGE
(V)
AUTOSHUTDOWN
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.


Similar Part No. - MAX3243ECAI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3243ECDB TI-MAX3243ECDB Datasheet
652Kb / 24P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3243ECDB TI-MAX3243ECDB Datasheet
742Kb / 26P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3243ECDBE4 TI-MAX3243ECDBE4 Datasheet
652Kb / 24P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3243ECDBE4 TI-MAX3243ECDBE4 Datasheet
742Kb / 26P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3243ECDBG4 TI-MAX3243ECDBG4 Datasheet
742Kb / 26P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results

Similar Description - MAX3243ECAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3224E MAXIM-MAX3224E Datasheet
243Kb / 20P
±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224 MAXIM-MAX3224_08 Datasheet
211Kb / 20P
1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
MAX3221E MAXIM-MAX3221E_11 Datasheet
692Kb / 19P
15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
MAX3238CAI-T MAXIM-MAX3238CAI-T Datasheet
207Kb / 12P
3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
MAX3245EEUI MAXIM-MAX3245EEUI Datasheet
958Kb / 21P
±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3221EEUE MAXIM-MAX3221EEUE Datasheet
1Mb / 19P
15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
MAX3221E MAXIM-MAX3221E_14 Datasheet
659Kb / 19P
±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
MAX3224E MAXIM-MAX3224E_14 Datasheet
454Kb / 21P
±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com