Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3243ECAI Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX3243ECAI
Description  ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3243ECAI Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX3243ECAI Datasheet HTML 8Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 9Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 10Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 11Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 12Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 13Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 14Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 15Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
±15kV ESD-Protected, 1µA, 3.0V to 5.5V, 250kbps,
RS-232 Transceivers with AutoShutdown
14
______________________________________________________________________________________
Table 5. ±15kV ESD-Protected, 3.0V to 5.5V Powered RS-232 Transceivers from Maxim
___________________Chip Information
MAX3221E
TRANSISTOR COUNT: 269
MAX3223E
TRANSISTOR COUNT: 339
MAX3243E
TRANSISTOR COUNT: 476
PART
Supply
Voltage
Range
(V)
No.
of
Tx/Rx
Guaranteed
Data Rate
(kbps)
Supply
Current
(µA)
MAX3241E
+3.0 to +5.5
3/5
250
300
MAX3243E
+3.0 to +5.5
3/5
250
1
MAX3244E
+3.0 to +5.5
3/5
250
1
MAX3245E
+3.0 to +5.5
3/5
1Mbps
1
MAX3232E
+3.0 to +5.5
2/2
250
300
MAX3222E
+3.0 to +5.5
2/2
250
300
MAX3223E
+3.0 to +5.5
2/2
250
1
MAX3224E
+3.0 to +5.5
2/2
250
1
MAX3225E
+3.0 to +5.5
2/2
1Mbps
1
MAX3221E
+3.0 to +5.5
1/1
250
1
MAX3227E
+3.0 to +5.5
1/1
1Mbps
1
MAX3226E
+3.0 to +5.5
1/1
250
1
Auto-
Shutdown
Plus
—
—
Yes
Yes
—
—
—
Yes
Yes
—
Yes
Yes
Auto-
Shutdown
—
Yes
—
—
—
—
Yes
—
—
Yes
—
—
Human
Body
Model
(kV)
±15
±15
±15
±15
±15
±15
±15
±15
±15
±15
±15
±15
IEC 1000-4-2
Contact
Discharge
(kV)
±8
±8
±8
±8
±8
±8
±8
±8
±8
±8
±8
±8
IEC 1000-4-2
Air-Gap
Discharge
(kV)
±15
±15
±15
±15
±15
±15
±15
±15
±15
±15
±15
±15
Interconnection with 3V and 5V Logic
The MAX3221E/MAX3223E/MAX3243E can directly inter-
face with various 5V logic families, including ACT and
HCT CMOS. See Table 4 for more information on possi-
ble combinations of interconnections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com