Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3243ECAI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3243ECAI
Description  ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3243ECAI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3243ECAI Datasheet HTML 2Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 3Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 4Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 5Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 6Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 7Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 8Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 9Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
±15kV ESD-Protected, 1µA, 3.0V to 5.5V, 250kbps,
RS-232 Transceivers with AutoShutdown
6
_______________________________________________________________________________________
Pin Description
-5.5V generated by the charge pump
V-
RS-232 Receiver Inputs
R_IN
TTL/CMOS Receiver Outputs
R_OUT
Output of the Valid Signal Detector. INVALID is enabled high if a valid
RS-232 level is present on any receiver input.
INVALID
+5.5V generated by the charge pump
V+
Negative terminal of the voltage doubler Charge-Pump Capacitor
C1-
Positive terminal of inverting Charge-Pump Capacitor
C2+
Negative terminal of inverting Charge-Pump Capacitor
C2-
Positive terminal of the voltage doubler Charge-Pump Capacitor
C1+
Receiver Enable Control. Drive low for normal operation. Drive high to
force the receiver outputs (R_OUT) into a high-impedance state.
EN
FUNCTION
TTL/CMOS Transmitter Inputs
T_IN
Drive high to override automatic circuitry keeping transmitters and
charge pump on (FORCEOFF must be high) (Table 1).
FORCEON
_______________Detailed Description
Dual Charge-Pump Voltage Converter
The MAX3221E/MAX3223E/MAX3243E’s internal power
supply consists of a regulated dual charge pump that
provides output voltages of +5.5V (doubling charge
pump) and -5.5V (inverting charge pump), over the
+3.0V to +5.5V VCC range. The charge pumps operate
in discontinuous mode: if the output voltages are less
than 5.5V, the charge pumps are enabled; if the output
voltages exceed 5.5V, the charge pumps are disabled.
Each charge pump requires a flying capacitor (C1, C2)
and a reservoir capacitor (C3, C4) to generate the V+
and V- supplies.
RS-232 Transmitters
The transmitters are inverting level translators that con-
vert CMOS-logic levels to 5.0V EIA/TIA-232 levels. They
guarantee a 250kbps data rate with worst-case loads
of 3k
Ω in parallel with 1000pF, providing compatibility
with PC-to-PC communication software such as
LapLink™. Transmitters can be paralleled to drive mul-
tiple receivers. The MAX3243E has been specifically
designed to drive serial mice. Figure 1 shows a com-
plete system connection.
When FORCEOFF is driven to ground, or the
AutoShutdown circuitry senses invalid voltage levels on
all receiver inputs, the transmitters are disabled and the
outputs are forced into a high-impedance state. When
powered off or shut down, the output can be driven up
to ±12V. The transmitter inputs do not have pull-up
resistors.
7
8
9
10
3
4
5
6
2
1
11
12
NAME
MAX3221E
RS-232 Transmitter Outputs
T_OUT
13
TTL/CMOS Noninverting Complementary Receiver Output. Always
active.
R2OUTB
—
7
9, 16
10, 15
11
3
4
5
6
2
1
12, 13
14
3
4–8
15–19
21
27
24
1
2
28
—
12, 13, 14
23
MAX3223E
8, 17
MAX3243E
9, 10, 11
—
20
PIN
14
18
25
GND
Ground
15
19
26
VCC
+3.0V to +5.5V Supply Voltage
16
20
22
FORCEOFF
Force-Off Input, active low. Drive low to shut down transmitters,
receivers (MAX3243E, except R2OUTB), and on-board charge pump.
This overrides all automatic circuitry and FORCEON (Table 1).
LapLink is a trademark of Traveling Software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com