Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3243ECAI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3243ECAI
Description  ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3243ECAI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3243ECAI Datasheet HTML 1Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 2Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 3Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 4Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 5Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 6Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 7Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 8Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Typical Operating Characteristics
(VCC = +3.3V, 250kbps data rate, 0.1µF capacitors, all transmitters loaded with 3kΩ and CL, TA = +25°C, unless otherwise noted.)
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
0
1000
2000
3000
4000
5000
MAX3221E/MAX3223E
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
VOUT+
T1 TRANSMITTING AT 250kbps
T2 (MAX3223E) TRANSMITTING AT 15.6kbps
VOUT-
0
2
4
6
8
10
12
14
16
0
1000
2000
3000
4000
5000
MAX3221E/MAX3223E
SLEW RATE vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
-SLEW
+SLEW
FOR DATA RATES UP TO 250kbps
±15kV ESD-Protected, 1µA, 3.0V to 5.5V, 250kbps,
RS-232 Transceivers with AutoShutdown
4
_______________________________________________________________________________________
TIMING CHARACTERISTICS—MAX3221E/MAX3223E/MAX3243E
(VCC = +3.0V to +5.5V, C1–C4 = 0.1µF (Note 2), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 2: C1–C4 = 0.1µF, tested at 3.3V ±10%. C1 = 0.047µF, C2–C4 = 0.33µF, tested at 5.0V ±10%.
Note 3: Transmitter skew is measured at the transmitter zero cross points.
tPLH
RL = 3kΩ, CL = 1000pF,
one transmitter switching
tPHL
SYMBOL
 tPHL - tPLH
 tPHL - tPLH
Receiver Output Disable Time
ns
4
30
CONDITIONS
CL = 150pF to
2500pF
µs
0.15
Receiver Propagation Delay
CL = 150pF to
1000pF
kbps
UNITS
MIN
TYP
MAX
PARAMETER
(Note 3)
ns
50
Receiver Skew
ns
100
Transmitter Skew
VCC = 3.3V,
RL = 3kΩ to 7kΩ,
TA = +25°C,
measured from
+3V to -3V or
-3V to +3V
V/µs
Transition-Region Slew Rate
6
30
CL = 150pF
250
0.15
Maximum Data Rate
ns
Normal operation
Receiver Output Enable Time
200
Normal operation
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com