Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3243ECAI Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX3243ECAI
Description  ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3243ECAI Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX3243ECAI Datasheet HTML 8Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 9Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 10Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 11Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 12Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 13Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 14Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 15Page - Maxim Integrated Products MAX3243ECAI Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
High Data Rates
The MAX3221E/MAX3223E/MAX3243E maintain the RS-
232 ±5.0V minimum transmitter output voltage even at
high data rates. Figure 9 shows a transmitter loopback
test circuit. Figure 10 shows a loopback test result at
120kbps, and Figure 11 shows the same test at 250kbps.
For Figure 10, all three transmitters were driven simulta-
neously at 120kbps into RS-232 loads in parallel with
1000pF. For Figure 11, a single transmitter was driven at
250kbps, and all three transmitters were loaded with an
RS-232 receiver in parallel with 1000pF.
Mouse Driveability (MAX3243E)
The MAX3243E has been specifically designed to power
serial mice while operating from low-voltage power sup-
plies. It has been tested with leading mouse brands such
as Logitech and Microsoft. When tested, the MAX3243E
successfully drove all serial mice and met their respective
current and voltage requirements. The MAX3243E’s regu-
lated dual charge pump ensures the transmitters will sup-
ply at least ±5V during worst-case conditions. Figure 12a
shows the transmitter outputs under increasing load cur-
rent. The AutoShutdown feature does not work with a
mouse, so FORCEOFF and FORCEON should be con-
nected to VCC. Figure 12b (on the following page) shows
a mouse driver test circuit. To achieve mouse driveability
with 1µA supply current when the port is inactive, use
parts with the AutoShutdown Plus feature (such as the
MAX3244E and MAX3245E).
±15kV ESD-Protected, 1µA, 3.0V to 5.5V, 250kbps,
RS-232 Transceivers with AutoShutdown
12
______________________________________________________________________________________
Figure 12a. Transmitter Output Voltage vs. Load Current per
Transmitter
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
0
1
2
3
4
5
6
7
8
9
10
LOAD CURRENT PER TRANSMITTER (mA)
VOUT+
VOUT-
VOUT+
VOUT-
VCC
VCC = 3.0V
Figure 9. Loopback Test Circuit
MAX3221E
MAX3223E
MAX3243E
5k
R_ IN
R_ OUT
EN (MAX3221/3E)
C2-
C2+
C1-
C1+
V-
V+
VCC
C4
C3
C1
C2
0.1
µF
VCC
FORCEOFF
T_ OUT
T_ IN
GND
VCC
0V
1000pF
2
µs/div
T1IN
T1OUT
R1OUT
5V/div
5V/div
5V/div
VCC = 3.3V
Figure 11. Loopback Test Result at 250kbps
Figure 10. Loopback Test Result at 120kbps
2
µs/div
T1IN
T1OUT
R1OUT
5V/div
5V/div
5V/div
VCC = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com