Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC5455 Datasheet(PDF) 8 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 8 Page - Connor-Winfield Corporation

Back Button STC5455 Datasheet HTML 4Page - Connor-Winfield Corporation STC5455 Datasheet HTML 5Page - Connor-Winfield Corporation STC5455 Datasheet HTML 6Page - Connor-Winfield Corporation STC5455 Datasheet HTML 7Page - Connor-Winfield Corporation STC5455 Datasheet HTML 8Page - Connor-Winfield Corporation STC5455 Datasheet HTML 9Page - Connor-Winfield Corporation STC5455 Datasheet HTML 10Page - Connor-Winfield Corporation STC5455 Datasheet HTML 11Page - Connor-Winfield Corporation STC5455 Datasheet HTML 12Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
Page 8 of 56 TM121
Rev:P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Data sheet
Preliminary
Register Map
Table 2: Register Map
Addr
Reg Name
Bits
Type
Description
0x00
Chip_ID
15-0
R
Chip ID = 0x5455
0x01
0x02
Chip_Rev
7-0
R
Chip revision number
0x03
Chip_Sub_Rev
7-0
R
Chip firmware revision number
0x07
Fill_Obs_Window
3-0
R/W
Activity monitor: Leaky bucket fill observation window
0x08
Leak_Obs_Window
3-0
R/W
Activity monitor: Leaky bucket leak observation window
0x09
Bucket_Size
5-0
R/W
Activity monitor: Leaky bucket size
0x0A
Assert_Threshold
5-0
R/W
Activity monitor: Leaky bucket alarm assert threshold
0x0B
De_Assert_Threshold
5-0
R/W
Activity monitor: Leaky bucket alarm de-assert threshold
0x0C
Freerun_Cali
10-0
R/W
Freerun calibration, 2’s complement, -102.4 to +102.3ppm, step in
0.1ppm
0x0D
0x0E
Disqualification_Range
9-0
R/W
Reference disqualification range, 0 ~102.3ppm. The value is also
specified as pull-in range
0x0F
0x10
Qualification_Range
9-0
R/W
Reference qualification range, 0 ~102.3ppm.
0x11
0x12
Qualification_Soaking_Time
5-0
R/W
Reference qualification soaking time, 0~63s
0x13
Ref_Index_Selector
3-0
R/W
Select a reference input to access the register Ref_Info and
Ref_Acceptable_Freq.
0x14
Ref_Info
15-0
R
Frequency offset and frequency info of the reference selected by
register Ref_Index_Selector
0x15
0x16
Ref_Activity
4 - 0
R
Reference activity for reference 1 to 5
0x18
Ref_Qual
4 - 0
R
Reference 1 ~ 5 qualification
0x1A
Interrupt_Event_Status
7-0
R/W
Status of interrupt events
0x1B
Interrupt__Event_Enable
7-0
R/W
Selects which of interrupt events will assert pin EVENT_INTR
0x1C
Interrupt_Config
1-0
R/W
Pin EVENT_INTR configuration and idle mode
0x1D
Hard-wired_Switch_Pre_Selection
7-0
R/W
Pre-selected reference number 1 and reference number 2 for hard-
wired switch mode
0x1E
SRCSW_States
0
R
Indicates the states of pin SRCSW
0x1F 1
T0/T4_Tag_Select
0
R/W
Selects registers between T0 and T4 for register 0x20 - 0x3F
0x20
Control_Mode
7,5-2
R/W
Holdover history usage, Revertive, Manual/Auto, OOP, SRCSW
0x21
Loop_Bandwidth
7-0
R/W
Loop bandwidth selection
0x22
Auto_Elect_Ref
3-0
R
Indicates the reference elected by auto reference elector
0x23
Manual_Select_Ref
3-0
R/W
The reference specified by users for manual selection mode
0x24
Selected_Ref
3-0
R
Indicates the PLL current selected reference
0x25
Device_Holdover_History
31-0
R
Device Holdover History
0x26
0x27
0x28
0x29
Long_Term_Accu_History
31-0
R
Long term Accumulated History
0x2A
0x2B
0x2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com