Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC5455 Datasheet(PDF) 37 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 37 Page - Connor-Winfield Corporation

Back Button STC5455 Datasheet HTML 33Page - Connor-Winfield Corporation STC5455 Datasheet HTML 34Page - Connor-Winfield Corporation STC5455 Datasheet HTML 35Page - Connor-Winfield Corporation STC5455 Datasheet HTML 36Page - Connor-Winfield Corporation STC5455 Datasheet HTML 37Page - Connor-Winfield Corporation STC5455 Datasheet HTML 38Page - Connor-Winfield Corporation STC5455 Datasheet HTML 39Page - Connor-Winfield Corporation STC5455 Datasheet HTML 40Page - Connor-Winfield Corporation STC5455 Datasheet HTML 41Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
Page 37 of 56
TM121
Rev:P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Data sheet
Preliminary
Long_Term_Accu_History, 0x29 (R)
Long term accumulated history relative to MCLK. 2’s complement. Resolution is 0.745x10-3 ppb.
Short_Term_Accu_History, 0x2D (R)
Short term accumulated history relative to MCLK. 2’s complement. Resolution is 0.745x10-3 ppb.
User_Specified_History, 0x31 (R/W)
User specified history relative to MCLK. 2’s complement. Resolution is 0.745x10-3 ppb.
Default value: 0
History_Ramp, 0x35 (R/W)
Holdover history accumulator bandwidth and ramp controls.
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x29
Bits 0 - 7 of 32 bit Long Term History
0x2A
Bits 8 - 15 of 32 bit Long Term History
0x2B
Bits 16 - 23 of 32 bit Long Term History
0x2C
Bits 24 - 31 of 32 bit Long Term History
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x2D
Bits 0 - 7 of 32 bit Short term History
0x2E
Bits 8 - 15 of 32 bit Short term History
0x2F
Bits 16 - 23 of 32 bit Short term History
0x30
Bits 24 - 31 of 32 bit Short term History
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x31
Bits 0 - 7 of 32 bit User Holdover History
0x32
Bits 8 - 15 of 32 bit User Holdover History
0x33
Bits 16 - 23 of 32 bit User Holdover History
0x34
Bits 24 - 31 of 32 bit User Holdover History
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x35
Long Term History Accumulator Bandwidth
Short Term History Accu-
mulator Bandwidth
Ramp Control
Bits 7 ~ 4
Long Term
History -3dB
Bandwidth
0
4.9 mHz
1
2.5 mHz
2
1.2 mHz
3
0.62 mHz
4
0.31 mHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com