Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC5455 Datasheet(PDF) 52 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 52 Page - Connor-Winfield Corporation

Back Button STC5455 Datasheet HTML 48Page - Connor-Winfield Corporation STC5455 Datasheet HTML 49Page - Connor-Winfield Corporation STC5455 Datasheet HTML 50Page - Connor-Winfield Corporation STC5455 Datasheet HTML 51Page - Connor-Winfield Corporation STC5455 Datasheet HTML 52Page - Connor-Winfield Corporation STC5455 Datasheet HTML 53Page - Connor-Winfield Corporation STC5455 Datasheet HTML 54Page - Connor-Winfield Corporation STC5455 Datasheet HTML 55Page - Connor-Winfield Corporation STC5455 Datasheet HTML 56Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
Page 52 of 56 TM121
Rev:P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Data sheet
Preliminary
Application Notes
This section describes typical application use of the STC5455 device. The General section applies to all appli-
cation variations.
General
Power and Ground
Well-planned noise-minimizing power and ground are essential to achieving the best performance of the
device. The device requires 3.3V digital power and analog power input.
It is desirable to provide individual 0.1uF bypass capacitors, located close to the chip, for each of the power
input leads, subject to board space and layout constraints.
Ground should be provided by as continuous a ground plane as possible. A separated analog ground plane is
recommended.
Note: Un-used reference inputs must be grounded.
Figure 12: Power and Ground
Master Oscillator
An external 3.3V LVCMOS level clock (generally driven from TCXO or OCXO) is supplied at pin MCLK as mas-
ter clock. TCXO or OCXO should be carefully chosen as required by application. It is recommended that the
oscillator is placed close to the STC5455. Frequency of the master oscillator has four options, see description
of the register MCLK Freq Reset for details.
3.3V digital
power
inputs
Digital ground
Analog ground
3.3V analog
power
inputs
STC5455
VCC
AVCC
MCLK
OCXO/
TCXO
GND
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com