| Electronic Components Datasheet Search |
|
STC5455 Datasheet(PDF) 34 Page - Connor-Winfield Corporation |
|
|
|||||||||||||||||||||||||||||
STC5455 Datasheet(HTML) 34 Page - Connor-Winfield Corporation |
|
34 / 56 page ![]() Page 34 of 56 TM121 Rev:P1.3 Date: October 24, 2011 © Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice STC5455 Synchronous Clock for SETS Data sheet Preliminary SRCSW_States, 0x1E (R) Indicates states of pin SRCSW. 0 = Low; 1 = High T0/T4_Tag_Select, 0x1F (R/W) Selects register between T0 and T4 for the sharing registers 0x20 ~ 0x3F. 0 = T0; 1 = T4 Default value: 0 Control_Mode, 0x20 (R/W) Mode control for individual timing generator. Internal Test 0 = Normal operation; 1~3= Reserved HO_Usage Determines which holdover history is used. 0 = Device Holdover History (DHH); 1 = User specified history Revertive Selects the revertive mode or non-revertive mode of the auto selector. 0 = Non-revertive; 1 = Revertive Ref_Sel_Mode Determines reference selection mode. 0 = Manual; 1 = Auto This bit may be overrided by bit7 of this register. SAP In manual mode, when the selected reference is out of pull-in range, as specified in register Disqualification Range, SAP determine whether clock output will follow the reference input 0 = Follow, 1 = Stop following at pull-in range boundary Hard-wired_Switch (T0 timing generator only) 0 = Not hard-wired Switch, selects reference in manual selection mode or auto selection mode; 1 = Hard-wired Switch, selects reference in hard-wired manual selection mode by using control pin Address Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 0x1E Not used Pin states Address Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 0x1F Not used Tag_Select Address Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 0x20 Hard-wired_Switch Not used SAP Ref_Sel_Mode Revertive HO_Usage Internal Test |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |