Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC5455 Datasheet(PDF) 29 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 29 Page - Connor-Winfield Corporation

Back Button STC5455 Datasheet HTML 25Page - Connor-Winfield Corporation STC5455 Datasheet HTML 26Page - Connor-Winfield Corporation STC5455 Datasheet HTML 27Page - Connor-Winfield Corporation STC5455 Datasheet HTML 28Page - Connor-Winfield Corporation STC5455 Datasheet HTML 29Page - Connor-Winfield Corporation STC5455 Datasheet HTML 30Page - Connor-Winfield Corporation STC5455 Datasheet HTML 31Page - Connor-Winfield Corporation STC5455 Datasheet HTML 32Page - Connor-Winfield Corporation STC5455 Datasheet HTML 33Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
Page 29 of 56 TM121
Rev:P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Data sheet
Preliminary
Default value: m = 0, (1ms)
Leak_Obs_Window, 0x08 (R/W)
Sets the leak observation window size for the reference activity monitor to (n + 1) times the fill observation win-
dow size. The size can be set from 1 to 16ms times the fill observation window size.
Default value: n = 3, (4 times)
Bucket_Size, 0x09 (R/W)
Sets the leaky bucket size for the reference activity monitor. Bucket size equal to 0 will bypass the leaky bucket
accumulator, and assert or de-assert the activity alarm based on results of frequency detector and pulse moni-
tor only. The bucket size must be greater than or equal to the alarm assert value. Otherwise, the value will not
be written to the register.
Default value: 20
Assert_Threshold, 0x0A (R/W)
Sets the leaky bucket alarm assert threshold for the reference activity monitor. The alarm assert threshold
value must be greater than the de-assert threshold value and less than or equal to the bucket size value. Oth-
erwise, the value will not be written to the register.
Default value: 15
De_Assert_Threshold, 0x0B (R/W)
Sets the leaky bucket alarm de-assert threshold for the reference activity monitor. The de-assert threshold
value must be less than the assert threshold value. Otherwise, the value will not be written to the register.
Default value: 10
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x08
Not used
Leaky bucket fill observation window, n = 0 ~ 15
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x09
Not used
Leaky bucket size, 0 ~ 63
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x0A
Not used
Leaky bucket alarm assert threshold, 1 ~ 63
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x0B
Not used
Leaky bucket alarm de-assert threshold, 0 ~ 62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com