Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC5455 Datasheet(PDF) 27 Page - Connor-Winfield Corporation

Part # STC5455
Description  Synchronous Clock for SETS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5455 Datasheet(HTML) 27 Page - Connor-Winfield Corporation

Back Button STC5455 Datasheet HTML 23Page - Connor-Winfield Corporation STC5455 Datasheet HTML 24Page - Connor-Winfield Corporation STC5455 Datasheet HTML 25Page - Connor-Winfield Corporation STC5455 Datasheet HTML 26Page - Connor-Winfield Corporation STC5455 Datasheet HTML 27Page - Connor-Winfield Corporation STC5455 Datasheet HTML 28Page - Connor-Winfield Corporation STC5455 Datasheet HTML 29Page - Connor-Winfield Corporation STC5455 Datasheet HTML 30Page - Connor-Winfield Corporation STC5455 Datasheet HTML 31Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
Page 27 of 56
TM121
Rev:P1.3
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5455
Synchronous Clock for SETS
Data sheet
Preliminary
Figure 10:SPI Bus Timing, Write access
Table 7: SPI Bus Timing
Symbol
Description
Min
Max
Unit
tCS
CS low to SCLK high
10
ns
tCH
SCLK high time
50
ns
tCL
SCLK low time
50
ns
tDs
Data setup time
10
ns
tDh
Data hold time
10
ns
tDRDY
Data ready
7
ns
tDHLD
Data hold
3
ns
tCSHLD
CS hold
30
ns
tCSTRI
CS off to data tri-state
5
ns
tCSMIN
Minimum delay between successive accesses
50
ns
CS
SCLK
SDI
tDs
1
2
3
4
A6
A5
A4
A3
A2
A1
A0
5
6
7
8
13
14
15
16
9
10
11
12
0
tDh
MSB
LSB
tCL
tCH
tCS
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
tCSMIN
tCSHLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com