Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2731XMF/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2731XMF/NOPB
Description   0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2731XMF/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM2731XMF/NOPB Datasheet HTML 1Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 2Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 3Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 4Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 5Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 6Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 7Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 8Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
J
A
A
J A
T (MAX) T
125 T
P (MAX)
265
-
-
-
=
=
q
3
FB
2
GND
1
SW
4
5
SHDN
V
IN
formula:
. If power dissipation exceeds the maximum specified above, the internal thermal
LM2731
www.ti.com
SNVS217G – MAY 2004 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
FB
3
I
Feedback point that connects to external resistive divider.
GND
2
PWR
Analog and power ground
SHDN
4
I
Shutdown control input. Connect to VIN if the feature is not used.
SW
1
O
Drain of the internal FET switch
VIN
5
PWR
Analog and power input
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Operating Junction Temperature
–40
125
°C
Lead Temperature (Soldering, 5 sec.)
300
°C
Power Dissipation(2)
Internally Limited
FB Pin Voltage
–0.4
6
V
SW Pin Voltage
–0.4
22
V
Input Supply Voltage
–0.4
14.5
V
SHDN Pin Voltage
–0.4
VIN + 0.3
V
Storage Temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The maximum power dissipation which can be safely dissipated for any application is a function of the maximum junction temperature,
TJ(MAX) = 125°C, the junction-to-ambient thermal resistance for the SOT-23 package, RθJA = 265°C/W, and the ambient temperature,
TA. The maximum allowable power dissipation at any ambient temperature for designs using this device can be calculated using the
protection circuitry will protect the device by reducing the output voltage as required to maintain a safe junction temperature.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com