Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2731XMF/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2731XMF/NOPB
Description   0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2731XMF/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM2731XMF/NOPB Datasheet HTML 1Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 2Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 3Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 4Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 5Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 6Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 7Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 8Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM2731
SNVS217G – MAY 2004 – REVISED SEPTEMBER 2015
LM2731 0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
1 Features
3 Description
The LM2731 switching regulators are current-mode
1
•
22-V DMOS FET Switch
boost converters operating at fixed frequencies of 1.6
•
1.6-MHz (X Option), 0.6-MHz (Y Option) Switching
MHz (X option) and 600 kHz (Y option).
Frequency
The use of SOT-23 package, made possible by the
•
Low RDS(ON) DMOS FET
minimal power loss of the internal 1.8-A switch, and
•
Switch Current Up to 1.8 A
use of small inductors and capacitors result in the
•
Wide Input Voltage Range (2.7 V to 14 V)
highest power density of the industry. The 22-V
internal switch makes these solutions perfect for
•
Low Shutdown Current (<1 µA)
boosting to voltages up to 20 V.
•
5-Lead SOT-23 Package
These parts have a logic-level shutdown pin that can
•
Uses Tiny Capacitors and Inductors
reduce quiescent current and extend battery life.
•
Cycle-by-Cycle Current Limiting
Protection is provided through cycle-by-cycle current
•
Internally Compensated
limiting and thermal shutdown. Internal compensation
simplifies design and reduces component count.
2 Applications
Device Information(1)
•
White LED Current Sources
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
PDAs and Palm-Top Computers
LM2731
SOT-23 (5)
1.60 mm × 2.90 mm
•
Digital Cameras
(1) For all available packages, see the orderable addendum at
•
Portable Phones and Games
the end of the data sheet.
•
Local Boost Regulators
Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM2731XMF/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2731XMF/NOPB TI1-LM2731XMF/NOPB Datasheet
667Kb / 16P
LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731XMF/NOPB TI2-LM2731XMF/NOPB Datasheet
1Mb / 30P
LM2731 0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
REVISED SEPTEMBER 2015
LM2731XMF/NOPB.A TI2-LM2731XMF/NOPB.A Datasheet
1Mb / 30P
LM2731 0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
REVISED SEPTEMBER 2015
LM2731XMF/NOPB.B TI2-LM2731XMF/NOPB.B Datasheet
1Mb / 30P
LM2731 0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
REVISED SEPTEMBER 2015
More results

Similar Description - LM2731XMF/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2733 NSC-LM2733 Datasheet
507Kb / 13P
0.6/1.6 MHz Boost Converters With 40V Internal FET
LM2731 NSC-LM2731 Datasheet
528Kb / 16P
0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 NSC-LM2731_07 Datasheet
432Kb / 16P
0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733 NSC-LM2733_07 Datasheet
406Kb / 16P
0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
LM27313 NSC-LM27313_07 Datasheet
337Kb / 12P
1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731XMF_NOPB TI1-LM2731XMF_NOPB Datasheet
667Kb / 16P
LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733YMF-NOPB TI-LM2733YMF-NOPB Datasheet
1Mb / 22P
LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
LM2731YMFX TI-LM2731YMFX Datasheet
629Kb / 16P
LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 TI1-LM2731_14 Datasheet
1Mb / 22P
0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733 TI-LM2733_15 Datasheet
1Mb / 26P
0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com