Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2731XMF/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM2731XMF/NOPB
Description   0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2731XMF/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2731XMF/NOPB Datasheet HTML 2Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 3Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 4Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 5Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 6Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 7Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 8Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 9Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
LM2731
SNVS217G – MAY 2004 – REVISED SEPTEMBER 2015
www.ti.com
Electrical Characteristics (continued)
Limits are for TJ = 25°C. Unless otherwise specified: VIN = 5 V, VSHDN = 5 V, IL = 0 A.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
TJ = 25°C
2
VSHDN = 5 V, Switching
−40°C ≤ TJ ≤
"X"
3
125°C
mA
TJ = 25°C
1
VSHDN = 5 V, Switching
−40°C ≤ TJ ≤
"Y"
IQ
Quiescent Current
2
125°C
TJ = 25°C
400
VSHDN = 5 V, Not
−40°C ≤ TJ ≤
Switching
500
µA
125°C
VSHDN = 0
0.024
1
ΔVFB/ΔVIN
FB Voltage Line Regulation
2.7 V
≤ VIN ≤ 14 V
0.02
%/V
TJ = 25°C
1.6
“X” Option
−40°C ≤ TJ ≤
1
1.85
125°C
FSW
Switching Frequency(5)
MHz
TJ = 25°C
0.6
“Y” Option
−40°C ≤ TJ ≤
0.4
0.8
125°C
TJ = 25°C
86%
“X” Option
−40°C ≤ TJ ≤
78%
125°C
DMAX
Maximum Duty Cycle(5)
TJ = 25°C
93%
“Y” Option
−40°C ≤ TJ ≤
88%
125°C
IL
Switch Leakage
Not Switching VSW = 5 V
1
µA
(5)
Specified limits are the same for Vin = 3.3 V input.
6
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LM2731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com