Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2731XMF/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM2731XMF/NOPB
Description   0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2731XMF/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2731XMF/NOPB Datasheet HTML 7Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 8Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 9Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 10Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 11Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 12Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 13Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 14Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
LM2731
www.ti.com
SNVS217G – MAY 2004 – REVISED SEPTEMBER 2015
7 Detailed Description
7.1 Overview
The LM2731 device is a switching converter IC that operates at a fixed frequency (0.6 or 1.6 MHz) for fast
transient response over a wide input voltage range and incorporates pulse-by-pulse current limiting protection.
Because this is current mode control, a 33-m
Ω sense resistor in series with the switch FET is used to provide a
voltage (which is proportional to the FET current) to both the input of the pulse width modulation (PWM)
comparator and the current limit amplifier.
7.1.1 Theory of Operation
At the beginning of each cycle, the S-R latch turns on the FET. As the current through the FET increases, a
voltage (proportional to this current) is summed with the ramp coming from the ramp generator and then fed into
the input of the PWM comparator. When this voltage exceeds the voltage on the other input (coming from the
Gm amplifier), the latch resets and turns the FET off. Because the signal coming from the Gm amplifier is derived
from the feedback (which samples the voltage at the output), the action of the PWM comparator constantly sets
the correct peak current through the FET to keep the output voltage in regulation.
Q1 and Q2 along with R3 - R6 form a bandgap voltage reference used by the IC to hold the output in regulation.
The currents flowing through Q1 and Q2 will be equal, and the feedback loop will adjust the regulated output to
maintain this. Because of this, the regulated output is always maintained at a voltage level equal to the voltage at
the FB node "multiplied up" by the ratio of the output resistive-divider.
The current limit comparator feeds directly into the flip-flop that drives the switch FET. If the FET current reaches
the limit threshold, the FET is turned off and the cycle terminated until the next clock pulse. The current limit
input terminates the pulse regardless of the status of the output of the PWM comparator.
7.2 Functional Block Diagram
7.3 Feature Description
The LM2731 is a fixed-frequency boost regulator IC that delivers a minimum 1.8-A peak switch current.
The device provides cycle-by-cycle current limit protection as well as thermal shutdown protection. The device
can also be controlled through the shutdown pin.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com