Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2731XMF/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM2731XMF/NOPB
Description   0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2731XMF/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM2731XMF/NOPB Datasheet HTML 1Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 2Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 3Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 4Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 5Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 6Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 7Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 8Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LM2731
www.ti.com
SNVS217G – MAY 2004 – REVISED SEPTEMBER 2015
6.5 Electrical Characteristics
Limits are for TJ = 25°C. Unless otherwise specified: VIN = 5 V, VSHDN = 5 V, IL = 0 A.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VIN
Input Voltage
−40°C ≤ TJ ≤ 125°C
2.7
14
V
VIN = 2.7 V
7
−40°C ≤ TJ ≤
5.4
125°C
RL = 43 Ω
VIN = 3.3 V
10
X Option(3)
−40°C ≤ TJ ≤
8
125°C
VIN = 5 V
16
VIN = 2.7 V
7.5
−40°C ≤ TJ ≤
6
125°C
RL = 43 Ω
VIN = 3.3 V
11
Y Option(3)
−40°C ≤ TJ ≤
8.75
125°C
VIN = 5 V
15
VOUT (MIN)
Minimum Output Voltage Under Load
V
VIN = 2.7 V
5
−40°C ≤ TJ ≤
3.75
125°C
RL = 15 Ω
VIN = 3.3 V
6.5
X Option(3)
−40°C ≤ TJ ≤
5
125°C
VIN = 5 V
10
VIN = 2.7 V
5
−40°C ≤ TJ ≤
4
125°C
RL = 15 Ω
VIN = 3.3 V
7
Y Option(3)
−40°C ≤ TJ ≤
5.5
125°C
VIN = 5 V
10
TJ = 25°C
1.8
2
ISW
Switch Current Limit
See(4)
A
−40°C ≤ TJ ≤
1.4
125°C
TJ = 25°C
260
400
ISW = 100 mA
−40°C ≤ TJ ≤
Vin = 5 V
500
125°C
RDS(ON)
Switch ON-Resistance
m
Ω
TJ = 25°C
300
450
ISW = 100 mA
−40°C ≤ TJ ≤
Vin = 3.3 V
550
125°C
−40°C ≤ TJ ≤
Device ON
1.5
125°C
SHDNTH
Shutdown Threshold
V
−40°C ≤ TJ ≤
Device OFF
0.5
125°C
VSHDN = 0
0
TJ = 25°C
0
ISHDN
Shutdown Pin Bias Current
µA
VSHDN = 5 V
−40°C ≤ TJ ≤
2
125°C
TJ = 25°C
1.230
VFB
Feedback Pin Reference Voltage
VIN = 3 V
V
−40°C ≤ TJ ≤
1.205
1.255
125°C
TJ = 25°C
60
IFB
Feedback Pin Bias Current
VFB = 1.23 V
nA
−40°C ≤ TJ ≤
500
125°C
(1)
Limits are ensured by testing, statistical correlation, or design.
(2)
Typical values are derived from the mean value of a large quantity of samples tested during characterization and represent the most
likely expected value of the parameter at room temperature.
(3)
L = 10 µH, COUT = 4.7 µF, duty cycle = maximum
(4)
Switch current limit is dependent on duty cycle (see Typical Characteristics).
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com