Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2731XMF/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2731XMF/NOPB
Description   0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2731XMF/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM2731XMF/NOPB Datasheet HTML 1Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 2Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 3Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 4Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 5Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 6Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 7Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 8Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
LM2731
SNVS217G – MAY 2004 – REVISED SEPTEMBER 2015
www.ti.com
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input Supply Voltage
2.7
14
V
Vsw
SW Pin Voltage
3
20
V
Vshdn
Shutdown Supply Voltage(1)
0
VIN
V
TJ
Junction Temperature Range
–40
125
ºC
(1)
This pin should not be allowed to float or be greater than VIN + 0.3 V.
6.4 Thermal Information
LM2731
THERMAL METRIC(1)
DBV (SOT-23)
UNIT
5 PINS
RθJA
Junction-to-ambient thermal resistance
209.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
122
°C/W
RθJB
Junction-to-board thermal resistance
38.4
°C/W
ψJT
Junction-to-top characterization parameter
12.8
°C/W
ψJB
Junction-to-board characterization parameter
37.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LM2731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com