Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2731XMF/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM2731XMF/NOPB
Description   0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2731XMF/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM2731XMF/NOPB Datasheet HTML 12Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 13Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 14Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 15Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 16Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 17Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 18Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 19Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
IN
SW
LOAD
SW
DC(V
V
)
I
(max)
(1 DC)
I
(max)
2fL
-
æ
ö
=
-
´
-
ç
÷
è
ø
20
30
40
50
60
70
80
90
100
DUTY CYCLE (%) = [1 - EFF*(VIN / VOUT)]
0
500
1000
1500
2000
2500
3000
VIN = 5V
VIN = 3.3V
VIN = 2.7V
VIN = 3V
20
30
40
50
60
70
80
90
100
DUTY CYCLE (%) = [1 - EFF*(VIN / VOUT)]
0
500
1000
1500
2000
2500
3000
VIN = 5V
VIN = 3.3V
VIN = 2.7V
VIN = 3V
LM2731
SNVS217G – MAY 2004 – REVISED SEPTEMBER 2015
www.ti.com
8.2.2.10 Maximum Switch Current
The maximum FET switch current available before the current limiter cuts in is dependent on duty cycle of the
application. This is illustrated in the graphs below which show typical values of switch current for both the "X" and
"Y" versions as a function of effective (actual) duty cycle:
Figure 28. Switch Current Limit vs Duty Cycle - X Option
Figure 29. Switch Current Limit vs Duty Cycle - Y Option
8.2.2.11 Calculating Load Current
As shown in the figure which depicts inductor current, the load current is related to the average inductor current
by the relation:
ILOAD = IIND(AVG) × (1 - DC)
(7)
Where "DC" is the duty cycle of the application. The switch current can be found by:
ISW = IIND(AVG) + ½ (IRIPPLE)
(8)
Inductor ripple current is dependent on inductance, duty cycle, input voltage and frequency:
IRIPPLE = DC × (VIN-VSW) / (f × L)
(9)
Combining all terms, an expression can be developed which allows the maximum available load current to be
calculated:
(10)
The equation shown to calculate maximum load current takes into account the losses in the inductor or turn-OFF
switching losses of the FET and diode. For actual load current in typical applications, we took bench data for
various input and output voltages for both the "X" and "Y" versions of the LM2731 and displayed the maximum
load current available for a typical device in graph form:
16
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LM2731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com