Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12ASX2 Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # 12ASX2
Description  Single Channel Isolated Driver for Inverter Systems AD Step
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12ASX2 Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button 12ASX2 Datasheet HTML 25Page - Infineon Technologies AG 12ASX2 Datasheet HTML 26Page - Infineon Technologies AG 12ASX2 Datasheet HTML 27Page - Infineon Technologies AG 12ASX2 Datasheet HTML 28Page - Infineon Technologies AG 12ASX2 Datasheet HTML 29Page - Infineon Technologies AG 12ASX2 Datasheet HTML 30Page - Infineon Technologies AG 12ASX2 Datasheet HTML 31Page - Infineon Technologies AG 12ASX2 Datasheet HTML 32Page - Infineon Technologies AG 12ASX2 Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 147 page
background image
EiceDRIVER
™ SIL
1EDI2002AS
Functional Description
Datasheet
29
Rev. 3.1, 2015-07-30
Hardware Description
2.4.4.4
SPI Data Integrity Support
2.4.4.4.1
Parity Bit
By default, the SPI link relies on an odd parity protection scheme for each transmitted or received 16-bit word of
the SPI message. The parity bit corresponds to the LSB of the 16-bit word. Therefore, the effective payload of a
16-bit word is 15 data bit (plus one parity bit). The parity bit check (on the received data) can be disabled by
clearing bit PCFG.PAREN. In this case, the parity bit is considered as “don’t care”. The generation of the parity bit
by the driver for transmitted words can not be disabled (but can be considered as “don’t care” by the SPI master).
Note: For fixed value commands (ENTER_CMODE, ENTER_VMODE, EXIT_CMODE, NOP), it has to be ensured
that the value of the parity bit is correct even if parity check is disabled. Otherwise, an SPI error will be
generated.
2.4.4.4.2
SPI Error
When the device is not able to process an incoming request message, an SPI error is generated: the received
message is discarded by the driver, bit PER.SPIERis set and the erroneous message is answered with an error
notification (bit LMI set).
Several failures generate an SPI error:
•
A parity error is detected on the received word.
•
An invalid data word format is received (e.g. not a 16 bit word).
•
A word is received, which does not corresponding to a valid Request Message.
•
A command is received which can not be processed. For example, the driver receives in Active Mode a
command which is only valid in other operating modes. Another typical example is a read access to the
secondary while the previous read access is not yet completed (device “busy”).
•
An SPI access to an invalid address.
Note: the content of a frame with LMI bit set is the value of register PSTAT.
Note: In case of permanent LMI error induced by system failures, it is recommended to apply a reset via pin
NRST/RDY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com