Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12ASX2 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # 12ASX2
Description  Single Channel Isolated Driver for Inverter Systems AD Step
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12ASX2 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button 12ASX2 Datasheet HTML 21Page - Infineon Technologies AG 12ASX2 Datasheet HTML 22Page - Infineon Technologies AG 12ASX2 Datasheet HTML 23Page - Infineon Technologies AG 12ASX2 Datasheet HTML 24Page - Infineon Technologies AG 12ASX2 Datasheet HTML 25Page - Infineon Technologies AG 12ASX2 Datasheet HTML 26Page - Infineon Technologies AG 12ASX2 Datasheet HTML 27Page - Infineon Technologies AG 12ASX2 Datasheet HTML 28Page - Infineon Technologies AG 12ASX2 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 147 page
background image
EiceDRIVER
™ SIL
1EDI2002AS
Functional Description
Datasheet
25
Rev. 3.1, 2015-07-30
Hardware Description
2.4.4.2
General Operation
The SPI interface of the 1EDI2002AS supports full duplex operation. The interface relies on four communication
signals:
•
NCS: (Not) Chip Select.
•
SCLK: Serial Clock.
•
SDI: Serial Data In.
•
SDO: Serial Data Out.
The SPI interface of the 1EDI2002AS supports slave operation only. An SPI master (typically, the main
microcontroller) is connected to one or several 1EDI2002AS devices, forming an SPI bus. Several bus topologies
are supported.
A regular SPI bus topology can be used where each of the slaves is controlled by an individual chip select signal
(Figure 2-6). In this case, the number of slaves on the bus is only limited by the application’s constraints.
Figure 2-6 SPI Regular Bus Topology
In order to simplify the layout of the PCB and to reduce the number of pins used on the microcontroller’s side, a
daisy chain topology can also be used. The chain’s depth is not limited by the 1EDI2002AS itself. A possible
topology is shown Figure 2-7.
SCLK
Master
SDO
SDI
NCS1
SCLK
SDI
SDO
NCS
Slave 1
SCLK
SDI
SDO
NCS
Slave 2
SCLK
SDI
SDO
NCS
Slave n
NCSn
NCS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com