Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12ASX2 Datasheet(PDF) 63 Page - Infineon Technologies AG

Part # 12ASX2
Description  Single Channel Isolated Driver for Inverter Systems AD Step
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12ASX2 Datasheet(HTML) 63 Page - Infineon Technologies AG

Back Button 12ASX2 Datasheet HTML 59Page - Infineon Technologies AG 12ASX2 Datasheet HTML 60Page - Infineon Technologies AG 12ASX2 Datasheet HTML 61Page - Infineon Technologies AG 12ASX2 Datasheet HTML 62Page - Infineon Technologies AG 12ASX2 Datasheet HTML 63Page - Infineon Technologies AG 12ASX2 Datasheet HTML 64Page - Infineon Technologies AG 12ASX2 Datasheet HTML 65Page - Infineon Technologies AG 12ASX2 Datasheet HTML 66Page - Infineon Technologies AG 12ASX2 Datasheet HTML 67Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 147 page
background image
EiceDRIVER
™ SIL
1EDI2002AS
Protection and Diagnostics
Datasheet
63
Rev. 3.1, 2015-07-30
Hardware Description
In case the measured voltage at pin OCP is higher than the internal threshold V
OCPD1, an Emergency (Safe) Turn-
off sequence is initiated, bit SER.OCPER is set and a fault notification is issued on pin NFLTA (in case of an OPM
transition the state machine - see Chapter 2.4.7). In case the measured voltage at pin OCP is higher than the
internal threshold V
OCPD2, the sticky bit SSTAT.OCPCD is set. The allows to verify during application run time the
signal integrity of the sense path. The OCP function is not active while the output stage is in PWM OFF state.
Figure 3-4 OCP Function: Principle of Operation
Note: Both DESAT and OCP protection mechanisms can be used simultaneously.
Note: In case the OCP pin is open, the pull-up resistance ensures that an OCP event is generated.
OCP
Comp1
Comp2
300 mV
50mV
Class A
Generation
OCP_Sup_active
Logic
Warning bit
OCPG
OCPG
5V
5V
OCPG
Rsense
GND2
EiceDRIVER ™ SIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com