Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12ASX2 Datasheet(PDF) 40 Page - Infineon Technologies AG

Part # 12ASX2
Description  Single Channel Isolated Driver for Inverter Systems AD Step
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12ASX2 Datasheet(HTML) 40 Page - Infineon Technologies AG

Back Button 12ASX2 Datasheet HTML 36Page - Infineon Technologies AG 12ASX2 Datasheet HTML 37Page - Infineon Technologies AG 12ASX2 Datasheet HTML 38Page - Infineon Technologies AG 12ASX2 Datasheet HTML 39Page - Infineon Technologies AG 12ASX2 Datasheet HTML 40Page - Infineon Technologies AG 12ASX2 Datasheet HTML 41Page - Infineon Technologies AG 12ASX2 Datasheet HTML 42Page - Infineon Technologies AG 12ASX2 Datasheet HTML 43Page - Infineon Technologies AG 12ASX2 Datasheet HTML 44Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 147 page
background image
EiceDRIVER
™ SIL
1EDI2002AS
Functional Description
Datasheet
40
Rev. 3.1, 2015-07-30
Hardware Description
2.4.6
Driver Functionality
The structure of the output stage and its associated external booster of the device is depicted Figure 2-12:
Figure 2-12 Output Stage Diagram of Principle
2.4.6.1
Overview
Two turn-off behaviors are supported by the device, depending on the event causing the turn-off action.
•
Regular Turn-Off.
•
Safe Turn-Off.
A Safe Turn-Off sequence uses the timing and plateau level parameters defined in register SSTTOF. It is triggered
by a DESAT or an OCP event only. A turn-off sequence which is not “Safe” is then “Regular”. A Regular Turn-Off
sequence uses the timing parameters defined in register SRTTOF and the plateau level defined by
SCTRL.GPOFS.
Two Level Turn-Off (TTOFF)
Because a hard turn-off may generate a critical overvoltage on the IGBT leading eventually to its destruction, the
1EDI2002AS supports the Two Level Turn-Off functionality (TTOFF). The TTOFF function consists in switching
the IGBT off in three steps in such a way that:
1. The IGBT gate voltage is first decreased with a reduced slew rate until a specific (and programmable) voltage
is reached by the TOFF signal.
2. TOFF (and TON) voltage is stabilized at this level. The IGBT Gate voltage forms thus a plateau.
3. Finally, the switch-off sequence is resumed using hard commutation.
The TTOFF delays and plateau voltage are fully programmable using the corresponding SPI commands. For a
Regular Turn-Off sequence, the TTOFF delay is defined by bit field SRTTOF.RTVAL. Setting this field to 00
H
completely disables the TTOFF function for all Regular Turn-Off sequences (but this has no effect on Safe Turn-
Off sequences). The plateau level is defined by SCTRL.GPOFS. If this function is to be activated, a minimum value
for the delay time has to be programmed.
VCC2
TOFF
Gate Driver
DACLP
TON
GATE
Ron
Roff
VGND2
VEE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com