Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12ASX2 Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # 12ASX2
Description  Single Channel Isolated Driver for Inverter Systems AD Step
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12ASX2 Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button 12ASX2 Datasheet HTML 39Page - Infineon Technologies AG 12ASX2 Datasheet HTML 40Page - Infineon Technologies AG 12ASX2 Datasheet HTML 41Page - Infineon Technologies AG 12ASX2 Datasheet HTML 42Page - Infineon Technologies AG 12ASX2 Datasheet HTML 43Page - Infineon Technologies AG 12ASX2 Datasheet HTML 44Page - Infineon Technologies AG 12ASX2 Datasheet HTML 45Page - Infineon Technologies AG 12ASX2 Datasheet HTML 46Page - Infineon Technologies AG 12ASX2 Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 147 page
background image
EiceDRIVER
™ SIL
1EDI2002AS
Functional Description
Datasheet
43
Rev. 3.1, 2015-07-30
Hardware Description
The plateau voltage level can be configured during run time by updating bit field SCTRL.GPONS. This bit field can
also be programmed to a value generating a hard turn-on.
When using the TTON function (with a non-zero delay), the PWM command is received on pin INP is not delayed
by the programmed TTON delay time (Figure 2-14). However, the minimum pulse width that can be generated
corresponds to the programmed TTON delay. Thus, for input pulses smaller than the TTON delay (t
PULSE < tTTON),
the output pulse width is extended.
The device allows for external booster voltage compensation at the IGBT gate. When bit SCFG2.VBEC is cleared,
the voltage at TON at the plateau corresponds to the programmed value. When bit SCFG2.VBEC is set, an
additional V
BE (base emitter junction voltage of an internal pn diode) is added to the programmed voltage at TON
in order to compensate for the V
BE of an external booster.
The TON and TTOFF functions can be used simultaneously.
Figure 2-14 TTON: Principle of Operation
tPULSE < tTTON
tPDON
Input Pulse
Output Pulse
TTON Plateau
a)
b)
tPULSE > tTTON
tPDON
tTTON
tPULSE
tPDOFF
Input Pulse
Output Pulse
tTTON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com