Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12ASX2 Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # 12ASX2
Description  Single Channel Isolated Driver for Inverter Systems AD Step
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12ASX2 Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button 12ASX2 Datasheet HTML 45Page - Infineon Technologies AG 12ASX2 Datasheet HTML 46Page - Infineon Technologies AG 12ASX2 Datasheet HTML 47Page - Infineon Technologies AG 12ASX2 Datasheet HTML 48Page - Infineon Technologies AG 12ASX2 Datasheet HTML 49Page - Infineon Technologies AG 12ASX2 Datasheet HTML 50Page - Infineon Technologies AG 12ASX2 Datasheet HTML 51Page - Infineon Technologies AG 12ASX2 Datasheet HTML 52Page - Infineon Technologies AG 12ASX2 Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 147 page
background image
EiceDRIVER
™ SIL
1EDI2002AS
Functional Description
Datasheet
49
Rev. 3.1, 2015-07-30
Hardware Description
2.4.8
EN Signal Pin
The EN/FEN signal allows the logic on the primary side to have a direct control on the state of the device. A valid
signal has to be provided on this pin. A valid to invalid transition of the signal on pin EN/FEN generates an Event
Class A.
Pin EN/FEN should be driven actively by the external circuit. In case this pin is floating, an internal weak pull-down
resistor ensures that the signal is low.
Note: It should be noted that even if the signal at pin EN/FEN is valid, the device can still be in disabled state. This
may happen for example if another error is being detected
Depending on the value of bit PCFG2.FEN, two types of valid signals can be chosen from:
EN Mode
When the EN Mode is selected (bit PCFG2.FEN cleared), pin EN/FEN acts as an Enable pin. A valid EN/FEN
signal is defined as a digital High level. When EN/FEN is at Low level, the signal is considered as not valid and
the device is in Disabled State. In case of a High-to-Low transition, an Event Class A is generated.
FEN Mode
When the FEN Mode (bit PCFG2.FEN set) is selected, a valid signal is defined as a periodic clock signal. The
signal is constantly monitored by a watchdog unit. The watchdog evaluates the signal as valid if two consecutive
valid half-periods are detected.
If, after a valid signal has been recognized, a timing violation is detected by the watchdog, an Event Class A is
generated.
Every time an edge (rising or falling) is received, a counter is started. The counter is incremented at a frequency
of f
OSC1/8. The following edge is expected by the device during a window corresponding to the time between state
2 and state 6 of the counter. in case the edge comes too early or too late, an Event Class A is generated.
An Invalid to Valid transition of signal EN/FEN deactivates signals NFLTA and NFLTB (when the device is in
OPM3 or OPM5 only).
The levels read by the device at pin EN/FEN is given by bits PPIN.ENL. The validity status of EN/FEN signal is
given by bit PSTAT2.ENVAL.
2.4.9
Reset Events
A reset event sets the device and its internal logic in the default configuration. All user-defined settings are
overwritten with the default values. The list of reset events and their effect is summarized in Table 2-13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com