Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12ASX2 Datasheet(PDF) 59 Page - Infineon Technologies AG

Part # 12ASX2
Description  Single Channel Isolated Driver for Inverter Systems AD Step
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12ASX2 Datasheet(HTML) 59 Page - Infineon Technologies AG

Back Button 12ASX2 Datasheet HTML 55Page - Infineon Technologies AG 12ASX2 Datasheet HTML 56Page - Infineon Technologies AG 12ASX2 Datasheet HTML 57Page - Infineon Technologies AG 12ASX2 Datasheet HTML 58Page - Infineon Technologies AG 12ASX2 Datasheet HTML 59Page - Infineon Technologies AG 12ASX2 Datasheet HTML 60Page - Infineon Technologies AG 12ASX2 Datasheet HTML 61Page - Infineon Technologies AG 12ASX2 Datasheet HTML 62Page - Infineon Technologies AG 12ASX2 Datasheet HTML 63Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 147 page
background image
EiceDRIVER
™ SIL
1EDI2002AS
Protection and Diagnostics
Datasheet
59
Rev. 3.1, 2015-07-30
Hardware Description
From the conceptual point of view, the protection functions can be clustered into five main categories.
•
Category A corresponds to the functions where the device “decides on its own”, after the detection of an Event
Class A, to change the state of the output stage and to disable itself. A dedicated action from the user is needed
to reactivate the device (fast reactivation).
•
Category B corresponds to the functions where the device “decides on its own”, after the detection of an Event
Class B, to change the state of the output stage and to disable itself. A complete reinitialization from the user
is needed to reactivate the device (slow reactivation).
•
Category C corresponds to the functions that only issue a notification in case an error is detected.
•
Category D are intrusive supervision functions, aimed at being started when the application is not running.
•
Category E corresponds to implemented functions or capabilities supported by the device whose use can
enhance the overall safety coverage of the application.
Internal Clock
Supervision
Plausibility check of the frequency of the internal
oscillator.
DSee Chapter 3.5.9
DIO Supervision
Supervision of the DIO channel
D
See Chapter 3.5.10
TTOFF
Two Level Turn-Off
E
See Chapter 2.4.6
SPI Communication
SPI Communication (using register PRW).
E
See Chapter 4.1
Overvoltage robustness Robustness against transient overvoltage on power
supply.
ESee Chapter 5.2
Table 3-1
Safety Related Functions (cont’d)
Protection Feature
Description
Cate-
gory
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com