Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3874 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 49 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 45Page - Texas Instruments AM3874 Datasheet HTML 46Page - Texas Instruments AM3874 Datasheet HTML 47Page - Texas Instruments AM3874 Datasheet HTML 48Page - Texas Instruments AM3874 Datasheet HTML 49Page - Texas Instruments AM3874 Datasheet HTML 50Page - Texas Instruments AM3874 Datasheet HTML 51Page - Texas Instruments AM3874 Datasheet HTML 52Page - Texas Instruments AM3874 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
3.2.5
EDMA
Table 3-6. EDMA Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
EDMA
AUD_CLKIN1/
AUD_CLKIN1,
MCA[0]_AXR[8]/
MCA[0], MCA[1],
MCA[1]_AHCLKX/
MCA[4], TIMER2,
IPD
MCA[4]_AHCLKX/
R5
I
GP0
DVDD
EDMA_EVT3/
PINCNTL15
TIM2_IO/
DSIS: PIN
GP0[8]
MM: MUX1
External EDMA Event 3
GPMC_CLK/
GPMC_CS[5]/
GPMC, CLKOUT1,
GPMC_WAIT[1]/
TIMER4, GP1
IPU
CLKOUT1/
R26
I
PINCNTL127
DVDD_GPMC
EDMA_EVT3/
DSIS: PIN
TIM4_IO/
MM: MUX0
GP1[27]
AUD_CLKIN2/
AUD_CLKIN2,
MCA[0]_AXR[9]/
MCA[0], MCA[2].
MCA[2]_AHCLKX/
MCA[5], TIMER3,
IPD
MCA[5]_AHCLKX/
H1
I
GP0
DVDD
EDMA_EVT2/
PINCNTL16
TIM3_IO/
DSIS: PIN
External EDMA Event 2
GP0[9]
MM: MUX1
GPMC_BE[0]_CLE/
GPMC, TIMER6,
GPMC_A[25]/
GP1
IPD
EDMA_EVT2/
U27
I
PINCNTL131
DVDD_GPMC
TIM6_IO/
DSIS: PIN
GP1[29]
MM: MUX0
SPI[0]_SCS[1]/
SPI[0], SD1,
SD1_SDCD/
SATA, TIMER4,
SATA_ACT0_LED/
IPU
GP1
AE5
I
EDMA_EVT1/
DVDD
PINCNTL80
TIM4_IO/
DSIS: PIN
GP1[6]
MM: MUX1
External EDMA Event 1
GPMC_BE[1]/
GPMC, TIMER7,
GPMC_A[24]/
GP1
IPD
EDMA_EVT1/
V28
I
PINCNTL132
DVDD_GPMC
TIM7_IO/
DSIS: PIN
GP1[30]
MM: MUX0
SD2_DAT[4]/
GPMC_A[27]/
SD2, GPMC,
GPMC_A[23]/
TIMER7, GP1
IPU
GPMC_CS[7]/
R24
I
PINCNTL116
DVDD_GPMC
EDMA_EVT0/
DSIS: PIN
TIM7_IO/
MM: MUX1
External EDMA Event 0
GP1[22]
GPMC_WAIT[0]/
GPMC, GP1
GPMC_A[26]/
IPU
PINCNTL133
W28
I
EDMA_EVT0/
DVDD_GPMC
DSIS: PIN
GP1[31]
MM: MUX0
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De-
selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown
resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and the Section 7.3.17, Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
49
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com