Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3874 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 8Page - Texas Instruments AM3874 Datasheet HTML 9Page - Texas Instruments AM3874 Datasheet HTML 10Page - Texas Instruments AM3874 Datasheet HTML 11Page - Texas Instruments AM3874 Datasheet HTML 12Page - Texas Instruments AM3874 Datasheet HTML 13Page - Texas Instruments AM3874 Datasheet HTML 14Page - Texas Instruments AM3874 Datasheet HTML 15Page - Texas Instruments AM3874 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 361 page
background image
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
Table 2-2. Characteristics of the Processor (continued)
HARDWARE FEATURES
AM387x
1 (1-bit or 4-bit or 8-bit modes)
and
MMC/SD/SDIO
1 (8-bit mode) or
2 (1-bit or 4-bit modes)
I2C
4 (Master/Slave)
Media Controller
Controls HDVPSS and ISS
6 (10/10/4/4/4/4 Serializers, Each with
McASP
Transmit/Receive and DIT capability)
McBSP
1 (2 Data Pins, Transmit/Receive)
Controller Area Network (DCAN)
2
Serial ATA (SATA) 3.0 Gbps
1 (Supports 1 Hard Disk Drive)
RTC
1
GPIO
Up to 128 pins
Parallel Camera Interface (CAM)
1
Spin Lock Module
1 (up to 128 H/W Semaphores)
Mailbox Module
1 (with 12 Mailboxes)
Size (Bytes)
768KB RAM, 48KB ROM
ARM
32KB I-cache
32KB D-cache
512KB L2 Cache
64KB RAM
On-Chip Memory
Organization
48KB Boot ROM
ADDITIONAL SHARED MEMORY
128KB On-chip RAM
ARM® Cortex™-A8 Main ID Register Variant/Revision
r3p2
see Section 8.5.3.1, JTAG ID (JTAGID)
JTAG BSDL ID
DEVICE_ID Register (address location: 0x4814_0600)
Register Description
CPU Frequency
MHz
ARM® Cortex™-A8 1000, 720 MHZ
Cycle Time
ns
ARM® Cortex™ -A8 1.0, 1.39 ns
OPP100, OPP120
1.10 V – 1.20 V
Core Logic (V)
Voltage
OPP166
1.35 V
I/O (V)
1.5 V, 1.8 V, 3.3 V
684-Pin BGA (CYE) [with Via Channel
Package
23 x 23 mm [Flip Chip Ball Grid Array (FCBGA)]
Technology]
Process
μm
0.045
μm
Technology
Product Preview (PP),
Product Status(1)
Advance Information (AI),
PD
or Production Data (PD)
(1)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
12
Device Overview
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com