Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3874 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 97 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 93Page - Texas Instruments AM3874 Datasheet HTML 94Page - Texas Instruments AM3874 Datasheet HTML 95Page - Texas Instruments AM3874 Datasheet HTML 96Page - Texas Instruments AM3874 Datasheet HTML 97Page - Texas Instruments AM3874 Datasheet HTML 98Page - Texas Instruments AM3874 Datasheet HTML 99Page - Texas Instruments AM3874 Datasheet HTML 100Page - Texas Instruments AM3874 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
3.2.12 McBSP
Table 3-23. McBSP Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
McBSP
MCA[0], MCB
MCA[0]_AXR[9]/
IPD
PINCNTL30
MCB_CLKX/
M6
I/O
DVDD
DSIS: PIN
MCB_CLKR
MM: MUX1
McBSP Receive Clock I/O
MCA[1]
MCA[1]_AXR[3]/
IPD
PINCNTL38
N6
I/O
MCB_CLKR
DVDD
DSIS: PIN
MM: MUX0
MCA[0], MCB
MCA[0]_AXR[8]/
IPD
PINCNTL29
MCB_FSX/
L1
I/O
DVDD
DSIS: PIN
MCB_FSR
MM: MUX1
McBSP Receive Frame Sync I/O
MCA[1], MCB
MCA[1]_AXR[2]/
IPD
PINCNTL37
R3
I/O
MCB_FSR
DVDD
DSIS: PIN
MM: MUX0
MCA[0]
MCA[0]_AXR[6]/
IPD
M4
I/O
PINCNTL27
McBSP Receive Data Input
MCB_DR
DVDD
DSIS: PIN
MCA[0]_AXR[9]/
MCA[0], MCB
IPD
MCB_CLKX/
M6
I/O
PINCNTL30
McBSP Transmit Clock I/O
DVDD
MCB_CLKR
DSIS: PIN
MCA[0]_AXR[8]/
MCA[0], MCB
IPD
MCB_FSX/
L1
I/O
PINCNTL29
McBSP Transmit Frame Sync I/O
DVDD
MCB_FSR
DSIS: PIN
MCA[0]
MCA[0]_AXR[7]/
IPD
L2
I/O
PINCNTL28
McBSP Transmit Data Output
MCB_DX
DVDD
DSIS: PIN
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De-
selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull during and after Reset. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
97
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com