Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3874 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 19 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 15Page - Texas Instruments AM3874 Datasheet HTML 16Page - Texas Instruments AM3874 Datasheet HTML 17Page - Texas Instruments AM3874 Datasheet HTML 18Page - Texas Instruments AM3874 Datasheet HTML 19Page - Texas Instruments AM3874 Datasheet HTML 20Page - Texas Instruments AM3874 Datasheet HTML 21Page - Texas Instruments AM3874 Datasheet HTML 22Page - Texas Instruments AM3874 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
Table 2-3. L3 Memory Map (continued)
START ADDRESS
END ADDRESS
SIZE
DESCRIPTION
(HEX)
(HEX)
0x47C0_C800
0x47C0_CBFF
1KB
DDR1 PHY Registers
0x47C0_CC00
0x47C0_CFFF
1KB
Reserved
0x47C0_D000
0x47FF FFFF
4044KB
Reserved
0x4800_0000
0x48FF_FFFF
16MB
L4 Slow Peripheral Domain
(see Table 2-5)
0x4900_0000
0x490F_FFFF
1MB
EDMA TPCC Registers
0x4910_0000
0x497F_FFFF
7MB
Reserved
0x4980_0000
0x498F_FFFF
1MB
EDMA TPTC0 Registers
0x4990_0000
0x499F_FFFF
1MB
EDMA TPTC1 Registers
0x49A0_0000
0x49AF_FFFF
1MB
EDMA TPTC2 Registers
0x49B0_0000
0x49BF_FFFF
1MB
EDMA TPTC3 Registers
0x49C0_0000
0x49FF_FFFF
4MB
Reserved
0x4A00_0000
0x4AFF_FFFF
16MB
L4 Fast Peripheral Domain
(see Table 2-4)
0x4B00_0000
0x4BFF_FFFF
16MB
Emulation Subsystem
0x4C00_0000
0x4CFF_FFFF
16MB
DDR0 Registers
0x4D00_0000
0x4DFF_FFFF
16MB
DDR1 Registers
0x4E00_0000
0x4FFF_FFFF
32MB
DDR DMM Registers
0x5000_0000
0x50FF_FFFF
16MB
GPMC Registers
0x5100_0000
0x51FF_FFFF
16MB
PCIE Registers
0x5200_0000
0x54FF_FFFF
48MB
Reserved
0x5500_0000
0x55FF_FFFF
16MB
Media Controller
0x5600_0000
0x56FF_FFFF
16MB
SGX530
0x5700_0000
0x57FF_FFFF
16MB
Reserved
0x5800_0000
0x5BFF_FFFF
64MB
Reserved
0x5C00_0000
0x5DFF_FFFF
32MB
ISS
0x5E00_0000
0x5FFF_FFFF
32MB
Reserved
0x6000_0000
0x7FFF_FFFF
512MB
DDR DMM TILER Window (see Table 2-6)
0x8000_0000
0xFFFF_FFFF
2GB
DDR
0x1 0000 0000
0x1 FFFF FFFF
4GB
DDR DMM TILER Extended Address Map
(ISS and HDVPSS only) [see Table 2-6]
Copyright © 2011–2013, Texas Instruments Incorporated
Device Overview
19
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com