Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3874 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 52 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 48Page - Texas Instruments AM3874 Datasheet HTML 49Page - Texas Instruments AM3874 Datasheet HTML 50Page - Texas Instruments AM3874 Datasheet HTML 51Page - Texas Instruments AM3874 Datasheet HTML 52Page - Texas Instruments AM3874 Datasheet HTML 53Page - Texas Instruments AM3874 Datasheet HTML 54Page - Texas Instruments AM3874 Datasheet HTML 55Page - Texas Instruments AM3874 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 361 page
background image
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
Table 3-7. EMAC[0] Terminal Functions [(R)(G)MII] (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
EMAC[0]_MTXD[7]/
EMAC[1],
EMAC[1]_RGTXD[3]/
GPMC, UART1
EMAC[1]_RMTXD[1]/
H24
PINCNTL257
GPMC_A[14]/
DSIS: N/A
UART1_CTS
EMAC[0]_MTXD[6]/
EMAC[1],
EMAC[1]_RGRXD[0]/
GPMC, UART1
EMAC[1]_RMTXD[0]/
J22
PINCNTL256
GPMC_A[13]/
DSIS: N/A
UART1_TXD
EMAC[0]_MTXD[5]/
EMAC[1],
EMAC[1]_RGTXC/
GPMC, UART1
EMAC[1]_RMCRSDV/
F27
PINCNTL255
GPMC_A[12]/
DSIS: N/A
UART1_RXD
EMAC[0]_MTXD[4]/
EMAC[1],
EMAC[1]_RGTXD[2]/
GPMC, UART4
EMAC[1]_RMRXER/
G23
[G]MII Transmit Data [7:0]. For 1000 EMAC GMII
PINCNTL254
GPMC_A[11]/
IPD
operation, EMAC[0]_TXD[7:0] are used. For 10/100
DSIS: N/A
O
UART4_RTS
DVDD_GPMC
EMAC MII operation, only EMAC[0]_TXD[3:0] are
used.
EMAC[0]_MTXD[3]/
EMAC[1],
EMAC[1]_RGTXD[0]/
GPMC, UART4
EMAC[1]_RMRXD[1]/
H23
PINCNTL253
GPMC_A[10]/
DSIS: N/A
UART4_CTS
EMAC[0]_MTXD[2]/
EMAC[1],
EMAC[1]_RGTXCTL/
GPMC, UART4
EMAC[1]_RMRXD[0]/
H22
PINCNTL252
GPMC_A[9]/
DSIS: N/A
UART4_TXD
EMAC[0]_MTXD[1]/
EMAC[1],
EMAC[1]_RGTXD[1]/
GPMC, UART4
H25
GPMC_A[8]/
PINCNTL251
UART4_RXD
DSIS: N/A
EMAC[0]_MTXD[0]/
EMAC[1],
EMAC[1]_RGRXD[3]/
GPMC, UART4
J24
GPMC_A[7]/
PINCNTL250
SPI[2]_D[0]
DSIS: N/A
EMAC[0]_MTXEN/
EMAC[1],
EMAC[1]_RGRXD[2]/
IPD
GPMC, UART4
EMAC[1]_RMTXEN/
J23
O
[G]MII Transmit Data Enable output
DVDD_GPMC
PINCNTL258
GPMC_A[15]/
DSIS: N/A
UART1_RTS
EMAC[0] RMII Mode
An EMAC bootmode must be selected via the BTMODE[4:0] pins. Once the EMAC bootmode is selected, the BTMODE[9:8] pins determine
the Ethernet PHY Mode Selection (for example, 01b is RMII mode). For more detailed information on EMAC bootmodes and Ethernet PHY
Mode selection, see Section 4.2.6, Ethernet PHY Mode Selection.
These pin functions are available only when RMII mode is selected.
RMII Reference Clock (EMAC[0] and EMAC[1] RMII
mode)
Regardless of EMAC[0] RMII Mode, the GMII_EN bit
EMAC_RMREFCLK/
TIMER2, GP1
in the MACCONTROL register, of the Control
IPD
TIM2_IO/
J27
I/O
PINCNTL232
Module, configures the RMREFCLK pin function as
DVDD_GPMC
GP1[10]
DSIS: PIN
an INPUT or OUTPUT clock reference. During RMII
ROM Boot, the RMREFCLK pin function is
configured as an OUTPUT clock reference (driving
50 MHz).
52
Device Pins
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com