Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3874 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 3 Page - Texas Instruments

  AM3874 Datasheet HTML 1Page - Texas Instruments AM3874 Datasheet HTML 2Page - Texas Instruments AM3874 Datasheet HTML 3Page - Texas Instruments AM3874 Datasheet HTML 4Page - Texas Instruments AM3874 Datasheet HTML 5Page - Texas Instruments AM3874 Datasheet HTML 6Page - Texas Instruments AM3874 Datasheet HTML 7Page - Texas Instruments AM3874 Datasheet HTML 8Page - Texas Instruments AM3874 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
1.3
Description
AM387x Sitara™ ARM Processors are highly integrated, programmable platforms that leverage the Sitara
Processor technology to meet the processing needs of the following applications to name a few:
•
Single-Board Computing
•
Network and Communications Processing
•
Industrial Automation
•
Human Machine Interface
•
Interactive Point-of-Service and Information Kiosks
•
and Portable Data Terminals
The device enables Original-Equipment Manufacturers (OEMs) and Original-Design Manufacturers
(ODMs) to quickly bring to market devices featuring robust operating systems support, rich user interfaces,
and high processing performance through the maximum flexibility of a fully integrated mixed processor
solution. The device also combines programmable ARM processing with a highly integrated peripheral set.
The AM387x Sitara ARM® processors also present OEMs and ODMs with new levels of processor
scalability and software reuse. An OEM or ODM that used the AM387x Processors in a design and can
make a similar product with added features could scale up to the pin-compatible and software-compatible
TMS320DM814x processors from Texas Instruments (TI). The TMS320DM814x DaVinci video processors
add a powerful C674x core DSP along with a video encoder and decoder to the hardware on the AM387x.
Additionally, OEMs or ODMs that have used the AM387x or DM814x processors and find a need for a
faster ARM and/or DSP core performance could scale up to the software-compatible AM389x or
TMS320DM816x devices with higher core speeds.
Programmability is provided by an ARM Cortex-A8 RISC CPU with Neon extension. The ARM lets
developers keep control functions separate from algorithms programmed on coprocessors, thus reducing
the complexity of the system software. The ARM Cortex-A8 32-Bit RISC Core with Neon floating-point
extension includes: 32KB of Instruction cache; 32KB of Data cache; 512KB of L2 Cache; 48KB of Boot
ROM; and 64KB of RAM.
The rich peripheral set provides the ability to control external peripheral devices and communicate with
external processors. For details on each of the peripherals, see the related sections in this document and
the associated peripheral reference guides. The peripheral set includes:
•
HD Video Processing Subsystem
•
Dual Port Gigabit Ethernet MACs (10/100/1000 Mbps) [Ethernet Switch] with MII/RMII/GMII/RGMII and
MDIO interface supporting IEEE 1588 Time-Stamping and Industrial Ethernet Protocols
•
Two USB ports with integrated 2.0 PHY
•
PCIe x1 GEN2 Compliant interface
•
Two 10-serializer McASP audio serial ports (with DIT mode)
•
Four quad-serilaizer McASP audio serial ports (with DIT mode)
•
One McBSP multichannel buffered serial port
•
Six UARTs with IrDA and CIR support
•
Four SPI serial interfaces
•
Three MMC/SD/SDIO serial interfaces
•
Four I2C master and slave interfaces
•
Parallel Camera Interface (CAM)
•
Up to 128 General-Purpose I/Os (GPIOs)
•
Eight 32-bit general-purpose timers
•
System watchdog timer
•
Dual DDR2, and DDR3 SDRAM interfaces
•
Flexible 8- or 16-bit asynchronous memory interface
Copyright © 2011–2013, Texas Instruments Incorporated
High-Performance System-on-Chip (SoC)
3
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com