Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3L1G53 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # NX3L1G53
Description  Low-ohmic single-pole double-throw analog switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3L1G53 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button NX3L1G53_15 Datasheet HTML 6Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 7Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 8Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 9Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 10Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 11Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 12Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 13Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
NX3L1G53
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 8 February 2013
10 of 24
NXP Semiconductors
NX3L1G53
Low-ohmic single-pole double-throw analog switch
(1) Tamb = 125 C.
(2) Tamb =85 C.
(3) Tamb =25 C.
(4) Tamb = 40 C.
(1) Tamb = 125 C.
(2) Tamb =85 C.
(3) Tamb =25 C.
(4) Tamb = 40 C.
Fig 10. ON resistance as a function of input voltage;
VCC =1.5 V
Fig 11. ON resistance as a function of input voltage;
VCC =1.8 V
001aag565
VI (V)
03
2
1
0.8
0.4
1.2
1.6
RON
(
Ω)
0
(1)
(2)
(3)
(4)
001aag566
VI (V)
03
2
1
0.4
0.6
0.2
0.8
1.0
RON
(
Ω)
0
(1)
(2)
(3)
(4)
(1) Tamb = 125 C.
(2) Tamb =85 C.
(3) Tamb =25 C.
(4) Tamb = 40 C.
(1) Tamb = 125 C.
(2) Tamb =85 C.
(3) Tamb =25 C.
(4) Tamb = 40 C.
Fig 12. ON resistance as a function of input voltage;
VCC =2.5 V
Fig 13. ON resistance as a function of input voltage;
VCC =2.7 V
001aag567
VI (V)
03
2
1
0.4
0.6
0.2
0.8
1.0
RON
(
Ω)
0
(1)
(2)
(3)
(4)
VI (V)
05
4
23
1
001aaj896
0.4
0.6
0.2
0.8
1.0
RON
(
Ω)
0
(1)
(2)
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com