Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3L1G53 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # NX3L1G53
Description  Low-ohmic single-pole double-throw analog switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3L1G53 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button NX3L1G53_15 Datasheet HTML 7Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 8Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 9Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 10Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 11Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 12Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 13Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 14Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
NX3L1G53
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 8 February 2013
11 of 24
NXP Semiconductors
NX3L1G53
Low-ohmic single-pole double-throw analog switch
12. Dynamic characteristics
(1) Tamb = 125 C.
(2) Tamb =85 C.
(3) Tamb =25 C.
(4) Tamb = 40 C.
(1) Tamb = 125 C.
(2) Tamb =85 C.
(3) Tamb =25 C.
(4) Tamb = 40 C.
Fig 14. ON resistance as a function of input voltage;
VCC =3.3 V
Fig 15. ON resistance as a function of input voltage;
VCC =4.3 V
VI (V)
04
3
12
001aag569
0.4
0.6
0.2
0.8
1.0
RON
(
Ω)
0
(1)
(2)
(3)
(4)
VI (V)
05
4
23
1
001aaj896
0.4
0.6
0.2
0.8
1.0
RON
(
Ω)
0
(1)
(2)
(3)
(4)
Table 9.
Dynamic characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for load circuit see Figure 18.
Symbol
Parameter
Conditions
25
C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
(85
C)
Max
(125
C)
ten
enable time
S or E to Z or Yn;
see Figure 16
VCC = 1.4 V to 1.6 V
-
28
42
-
45
50
ns
VCC = 1.65 V to 1.95 V
-
23
34
-
37
41
ns
VCC = 2.3 V to 2.7 V
-
17
27
-
29
31
ns
VCC = 2.7 V to 3.6 V
-
15
24
-
26
28
ns
VCC = 3.6 V to 4.3 V
-
15
24
-
26
28
ns
tdis
disable time
S or E to Z or Yn;
see Figure 16
VCC = 1.4 V to 1.6 V
-
10
19
-
21
23
ns
VCC = 1.65 V to 1.95 V
-
7
14
-
16
17
ns
VCC = 2.3 V to 2.7 V
-
5
9
-
10
11
ns
VCC = 2.7 V to 3.6 V
-
4
8
-
9
9
ns
VCC = 2.7 V to 4.3 V
-
4
8
-
9
9
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com