Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3L1G53 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NX3L1G53
Description  Low-ohmic single-pole double-throw analog switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3L1G53 Datasheet(HTML) 2 Page - NXP Semiconductors

  NX3L1G53_15 Datasheet HTML 1Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 2Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 3Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 4Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 5Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 6Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 7Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 8Page - NXP Semiconductors NX3L1G53_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
NX3L1G53
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 8 February 2013
2 of 24
NXP Semiconductors
NX3L1G53
Low-ohmic single-pole double-throw analog switch
3.
Applications
Cell phone
PDA
Portable media player
4.
Ordering information
5.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
6.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
NX3L1G53GT
40 Cto +125 C
XSON8
plastic extremely thin small outline package; no leads;
8 terminals; body 1
 1.95  0.5 mm
SOT833-1
NX3L1G53GD
40 Cto +125 C
XSON8
plastic extremely thin small outline package; no leads;
8 terminals; body 3
 2  0.5 mm
SOT996-2
NX3L1G53GM
40 C to +125 C
XQFN8
plastic, extremely thin quad flat package; no leads;
8 terminals; body 1.6
 1.6  0.5 mm
SOT902-2
Table 2.
Marking codes[1]
Type number
Marking code
NX3L1G53GT
D53
NX3L1G53GD
D53
NX3L1G53GM
D53
Fig 1.
Logic symbol
001aad386
S
Z
E
Y0
Y1
6
7
2
5
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com