Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS820F0 Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # TLS820F0
Description  Low Dropout Linear Voltage Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS820F0 Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button TLS820F0 Datasheet HTML 29Page - Infineon Technologies AG TLS820F0 Datasheet HTML 30Page - Infineon Technologies AG TLS820F0 Datasheet HTML 31Page - Infineon Technologies AG TLS820F0 Datasheet HTML 32Page - Infineon Technologies AG TLS820F0 Datasheet HTML 33Page - Infineon Technologies AG TLS820F0 Datasheet HTML 34Page - Infineon Technologies AG TLS820F0 Datasheet HTML 35Page - Infineon Technologies AG TLS820F0 Datasheet HTML 36Page - Infineon Technologies AG TLS820F0 Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
TLS820F0
Block Description and Electrical Characteristics
Data Sheet
33
Rev. 1.1, 2015-07-27
Watchdog deactivation by external signal (pin “WI”)
Note: Disabling the watchdog should only considered when the application is not running in the normal operating
conditions as the safe operation is not ensured any more. Example would be the flashing process of the
microcontroller.
The Watchdog can be disabled by connecting a voltage level between the range of 1.15 V to 1.40 V to WI. By
entering the Watchdog deactivation, the “WO” signal behaves like it is described in Figure 12. The transition from
active to an inactive state will be performed after a dead time of
t
WI,filter,max, when correct level to WI pin is applied.
This protects against the unintended entering of watchdog deactivation state. After leaving the deactivation
voltage range 1.15 V to 1.40 V, the Watchdog is again active and starts with an ignore window. This scenario is
also valid for the transition from deactivation to activation state.
Figure 12
Watchdog Output behavior for Watchdog deactivation by WI pin
Scenario “A”
In scenario “A” the watchdog logic expects a next trigger at WI pin within the WD-trigger time
t
WI,tr. This state is
interrupted by setting
V
WI to the disable condition (VWI,dis,low ≤ VWI ≤ VWI,dis,high). During this state, the watchdog is
disabled. The watchdog output signal “WO” will stay high while the watchdog is disabled. After leaving the disable
condition (
V
WI ≥ VWI,dis,high or VWI ≤ VWI,dis,low), an ignore window tWI,i follows. After this, the watchdog trigger time
t
WI,tr starts based on the setting of the DT pins. This behavior is defined for cases with a low current load time
greater than
t
WO,low.
Scenario “B”
In scenario “B” the watchdog is not served within WD-trigger time
t
WI,tr with an trigger event at WI pin. As a result
the “WO” is set to low. This state is interrupted by setting
V
WI to the disable condition (VWI,dis,low ≤ VWI ≤ VWI,dis,high).
During this state, the watchdog is disabled. The watchdog output signal “WO” is kept in low state for
t
WO,low and
then the “WO” is set to high. After leaving the disable condition (
V
WI ≥ VWI,dis,high or VWI ≤ VWI,dis,low), an ignore
window
t
WI,i follows. After this, the watchdog trigger time tWI,tr starts based on the setting of the DT pins. This
behavior is defined for cases with a low current load time greater than
t
WO,low.
Scenario “C”
In scenario “C” the watchdog is not served within WD-trigger time
t
WI,tr with an trigger event at WI pin. As a result
the “WO” is set to low. After this an ignore window follows. This state is interrupted by setting
V
WI to the disable
condition (
V
WI,dis,low ≤ VWI ≤ VWI,dis,high). During this state, the watchdog is disabled. The watchdog output signal
“WO” will stay high while the watchdog is disabled. After leaving the disable condition (
V
WI ≥ VWI,dis,high or
t
VWI
VWI,dis.high
VWI,dis,low
t
VWO
>tWO,low
Scenario „A“
WD-trigger time tWI,tr *)
WD disabled
ignore time tWI,i
WD-trigger time tWI,tr
t
VWO
Scenario „B“
WD-trigger time tWI,tr
ignore time tWI,i
WD-trigger time tWI,tr
tWO,low
t
VWO
Scenario „C“
WD-trigger time tWI,tr
ignore time tWI,i
WD-trigger time tWI,tr
tWO,low
WD disabled
t
t
VWO
Scenario „D“
WD-trigger time tWI,tr
ignore time tWI,i
WD-trigger time tWI,tr
tWO,low
*)
WD disabled
WD disabled
*) interrupted by entering in „Watchdog deactivation by WI pin“
Watchdog filter time tW,IQ,filter
VWI
VWI,dis.high
VWI,dis,low
<tWO,low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com