Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS820F0 Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # TLS820F0
Description  Low Dropout Linear Voltage Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS820F0 Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button TLS820F0 Datasheet HTML 33Page - Infineon Technologies AG TLS820F0 Datasheet HTML 34Page - Infineon Technologies AG TLS820F0 Datasheet HTML 35Page - Infineon Technologies AG TLS820F0 Datasheet HTML 36Page - Infineon Technologies AG TLS820F0 Datasheet HTML 37Page - Infineon Technologies AG TLS820F0 Datasheet HTML 38Page - Infineon Technologies AG TLS820F0 Datasheet HTML 39Page - Infineon Technologies AG TLS820F0 Datasheet HTML 40Page - Infineon Technologies AG TLS820F0 Datasheet HTML 41Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
Data Sheet
38
Rev. 1.1, 2015-07-27
TLS820F0
Application Information
As a result, the PCB design must ensure a thermal resistance
R
thJA lower than 50.98 K/W. According to “Thermal
Resistance” on Page 10, at least 600 mm2 heatsink area is needed on the FR4 1s0p PCB, or the FR4 2s2p board
can be used to ensure a proper cooling for the TLS820F0 in PG-SSOP-14 package.
6.4
Reverse Polarity Protection
TLS820F0 is not self protected against reverse polarity faults and must be protected by external components
against negative supply voltage. An external reverse polarity diode is needed. The absolute maximum ratings of
the device as specified in “Absolute Maximum Ratings” on Page 8 must be kept.
6.5
Further Application Information
•
For further information you may contact http://www.infineon.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com