Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS820F0 Datasheet(PDF) 37 Page - Infineon Technologies AG

Part # TLS820F0
Description  Low Dropout Linear Voltage Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS820F0 Datasheet(HTML) 37 Page - Infineon Technologies AG

Back Button TLS820F0 Datasheet HTML 33Page - Infineon Technologies AG TLS820F0 Datasheet HTML 34Page - Infineon Technologies AG TLS820F0 Datasheet HTML 35Page - Infineon Technologies AG TLS820F0 Datasheet HTML 36Page - Infineon Technologies AG TLS820F0 Datasheet HTML 37Page - Infineon Technologies AG TLS820F0 Datasheet HTML 38Page - Infineon Technologies AG TLS820F0 Datasheet HTML 39Page - Infineon Technologies AG TLS820F0 Datasheet HTML 40Page - Infineon Technologies AG TLS820F0 Datasheet HTML 41Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
TLS820F0
Application Information
Data Sheet
37
Rev. 1.1, 2015-07-27
TLS820F0 is designed to be also stable with low ESR capacitors. According to the automotive requirements,
ceramic capacitors with X5R or X7R dielectrics are recommended.
The output capacitor should be placed as close as possible to the regulator’s output and GND pins and on the
same side of the PCB as the regulator itself.
In case of rapid transients of input voltage or load current, the capacitance should be dimensioned in accordance
and verified in the real application that the output stability requirements are fulfilled.
6.3
Thermal Considerations
Knowing the input voltage, the output voltage and the load profile of the application, the total power dissipation
can be calculated:
P
D =(VI - VQ)× IQ + VI × Iq
(2)
with
•
P
D: continuous power dissipation
•
V
I : input voltage
•
V
Q: output voltage
•
I
Q: output current
•
I
q: quiescent current
The maximum acceptable thermal resistance
R
thJA can then be calculated:
R
thJA,max =( Tj,max - Ta )/ PD
(3)
with
•
T
j,max: maximum allowed junction temperature
•
T
a: ambient temperature
Based on the above calculation the proper PCB type and the necessary heat sink area can be determined with
reference to the specification in “Thermal Resistance” on Page 10.
Example
Application conditions:
V
I = 13.5 V
V
Q = 5 V
I
Q = 150 mA
T
a = 85 °C
Calculation of
R
thJA,max:
P
D =(VI – VQ)× IQ + VI × Iq
(
V
I × Iq can be neglected because of very low Iq)
=(13.5 V–5V) × 150mA
=1.275 W
R
thJA,max =(Tj,max – Ta)/ PD
= (150 °C – 85 °C) / 1.275 W = 50.98 K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com