Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS820F0 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLS820F0
Description  Low Dropout Linear Voltage Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS820F0 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLS820F0 Datasheet HTML 15Page - Infineon Technologies AG TLS820F0 Datasheet HTML 16Page - Infineon Technologies AG TLS820F0 Datasheet HTML 17Page - Infineon Technologies AG TLS820F0 Datasheet HTML 18Page - Infineon Technologies AG TLS820F0 Datasheet HTML 19Page - Infineon Technologies AG TLS820F0 Datasheet HTML 20Page - Infineon Technologies AG TLS820F0 Datasheet HTML 21Page - Infineon Technologies AG TLS820F0 Datasheet HTML 22Page - Infineon Technologies AG TLS820F0 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
TLS820F0
Block Description and Electrical Characteristics
Data Sheet
19
Rev. 1.1, 2015-07-27
5.5
Enable
The TLS820F0 can be switched on and off by the Enable feature: Connect a HIGH level as specified below (e.g.
the battery voltage) to pin EN to enable the device; connect a LOW level as specified below (e.g. GND) to shut it
down. The enable has a built in hysteresis to avoid toggling between ON/OFF state, if signals with slow slopes are
applied to the EN input.
Table 7
Electrical Characteristics Enable
T
j = -40 °C to +150 °C, VI = 13.5 V, all voltages with respect to ground (unless otherwise specified)
Typical values are given at
T
j = 25 °C
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ.
Max.
High Level Input Voltage
V
EN,H
2––V
V
Q settled
P_5.5.1
Low Level Input Voltage
V
EN,L
––0.8
V
V
Q ≤ 0.1 V
P_5.5.2
Enable Threshold Hysteresis
V
EN,Hy
100
––mV
–
P_5.5.3
High Level Input Current
I
EN,H
––3.5
µA
V
EN =3.3 V
P_5.5.4
High Level Input Current
I
EN,H
––22
µA
V
EN ≤ 18 V
P_5.5.6
Enable internal pull-down resistor
R
EN
0.95
1.5
2.6
MΩ
–
P_5.5.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com