Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS820F0 Datasheet(PDF) 35 Page - Infineon Technologies AG

Part # TLS820F0
Description  Low Dropout Linear Voltage Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS820F0 Datasheet(HTML) 35 Page - Infineon Technologies AG

Back Button TLS820F0 Datasheet HTML 31Page - Infineon Technologies AG TLS820F0 Datasheet HTML 32Page - Infineon Technologies AG TLS820F0 Datasheet HTML 33Page - Infineon Technologies AG TLS820F0 Datasheet HTML 34Page - Infineon Technologies AG TLS820F0 Datasheet HTML 35Page - Infineon Technologies AG TLS820F0 Datasheet HTML 36Page - Infineon Technologies AG TLS820F0 Datasheet HTML 37Page - Infineon Technologies AG TLS820F0 Datasheet HTML 38Page - Infineon Technologies AG TLS820F0 Datasheet HTML 39Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
TLS820F0
Block Description and Electrical Characteristics
Data Sheet
35
Rev. 1.1, 2015-07-27
5.10
Typical Performance Characteristics Standard Watchdog
Typical Performance Characteristics
Watchdog Trigger Time
t
WI,tr,1,2,3,4 versus
Junction Temperature
T
j
Watchdog Output Low Time
t
WO,low versus
Junction Temperature
T
j
Watchdog Activation/Deactivation Current
I
Q,W,act,
I
Q,W,deact versus Junction Temperature Tj
Watchdog Disable
V
WI,dis Threshold versus
Junction Temperature
T
j
0
50
100
150
0
20
40
60
80
100
120
T
j
[
°C]
x = 1
x = 2
x = 3
x = 4
I
Q
= 10 mA
0
50
100
150
0
5
10
15
T
j
[
°C]
I
Q
= 10 mA
0
50
100
150
0
1
2
3
4
5
6
7
T
j
[
°C]
I
Q,W,deact
I
Q,W,act
0
50
100
150
0
0.5
1
1.5
2
2.5
3
T
j
[
°C]
low
high
I
Q
= 10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com