Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS820F0 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLS820F0
Description  Low Dropout Linear Voltage Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS820F0 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLS820F0 Datasheet HTML 12Page - Infineon Technologies AG TLS820F0 Datasheet HTML 13Page - Infineon Technologies AG TLS820F0 Datasheet HTML 14Page - Infineon Technologies AG TLS820F0 Datasheet HTML 15Page - Infineon Technologies AG TLS820F0 Datasheet HTML 16Page - Infineon Technologies AG TLS820F0 Datasheet HTML 17Page - Infineon Technologies AG TLS820F0 Datasheet HTML 18Page - Infineon Technologies AG TLS820F0 Datasheet HTML 19Page - Infineon Technologies AG TLS820F0 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
Data Sheet
16
Rev. 1.1, 2015-07-27
TLS820F0
Block Description and Electrical Characteristics
Power Supply Ripple Rejection
PSRR versus
ripple frequency
f
Output Capacitor Series Resistor
ESR(C
Q) versus
Output Current
I
Q
Maximum Output Current
I
Q versus
Input Voltage
V
I
Dropout Voltage
V
dr versus
Output Current
I
Q
V
Q
= 3.3 V
V
Q
= 5 V
10
−2
10
−1
10
0
10
1
10
2
10
3
0
10
20
30
40
50
60
70
80
f [kHz]
I
Q
= 10 mA
C
Q
= 1
μF
V
ripple
= 0.5 V
PP
T
j
= 25
°C
T
j
= 25
°C
C
Q
= 1
μF
0.05
1
10
200
10
−2
10
−1
10
0
10
1
10
2
10
3
I
Q
[mA]
Stable Region
Unstable Region
0
10
20
30
40
0
100
200
300
400
500
600
700
800
V
I
[V]
T
j
= −40
°C
T
j
= 25
°C
T
j
= 150
°C
V
Q
= 0 V
0
50
100
150
200
0
50
100
150
200
250
300
I
Q
[mA]
V
Q
= 3.3 V
V
Q
= 5 V
T
j
= 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com